Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM0 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DM0
Description  DM0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM0 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM0 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DM0 MixRack Getting Started Guide
5
AP10972 Issue 3
1. Introduction
dLive is a distributed digital mixing system providing a uniquely flexible solution for any live sound
application. It separates the mix engine from the control surface, putting the audio and processing where it
is needed, and offering a host of control and audio networking possibilities. Refer to the Allen & Heath
website to find out more about dLive.
The MixRack is the heart of any dLive system. It houses the XCVI processing core complete with audio I/O,
control and audio networking ports. It is typically connected to a dLive Surface, but can also be controlled
at the same time as or even without a Surface using a laptop or iPad, Allen & Heath IP remotes or third
party controllers via TCP/IP. The system can be expanded by adding up to 3 DX32 modular racks/6 DX168
portable expanders, and is compatible with the ME personal mixing system.
1.1 dLive MixRacks
There are different sizes of dLive MixRack available. All feature the same mix engine and differ only in the
number of analogue I/O. All models can work with the full 128 channels by adding DX expanders or patching
digital sources.
dLive DM0 MixRack features at a glance:
• XCVI 160x64 FPGA core
• 96kHz sample rate, 96bit accumulator
• Class leading, ultra-low latency 0.7ms
• 128 Input Channels with full processing
• 64 Mix Outputs with full processing
• DEEP processing embedded channel plugins
• Configurable 64 bus architecture (group, FX, aux, matrix, mains)
• LR, LCR and up to 5.1 mains mode
• 16 RackFX with dedicated stereo returns
• Multiple PFLs
• 16 DCAs
• Built-in signal generator, RTA and spectrogram
• Dual redundant power supply
• Flush front panel with ultra-quiet fan
• Reversible rack ears design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com