Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM0 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM0
Description  DM0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM0 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM0 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DM0 MixRack Getting Started Guide
6
AP10972 Issue 3
2. Installing the MixRack
2.1 Free standing
The DM0 MixRack can be operated as a freestanding unit for shelf or floor operation. Check that its plastic
feet are fitted. Ensure adequate air flow around the unit. It must not be covered in any way. Always stand
the unit on a firm flat surface away from any soft furnishings or carpet.
2.2 Rack mounting and flight casing
The DM0 MixRack is designed as a 19 inch rack mount unit and occupies 4U of rack space. The plastic feet
may need to be removed before rack mounting; retain them for future use.
For rental, touring and other portable use, we recommend that you use a professional grade flight case
with shock mounted internal rack frame.
 Ensure natural convection of airflow around the unit by allowing good ventilation
below, in front of and behind the unit. Rack equipment known to produce a
significant amount of heat should not be mounted directly below the unit. Forced
convection by means of a rack mounted fan-tray may be desirable in situations
where space is restricted and the ambient air temperature is high.
2.3 Rack ears
The rack ears can be mounted facing either the front or rear panel to suit the application. They are secured
to the sides of the MixRack with 3 screws each as indicated below. Remove these screws using a Pozidriv
screwdriver to remove or reposition the rack ears.
Alternative front
panel rack ear
mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com