Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM0 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DM0
Description  DM0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM0 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DM0 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
DM0 MixRack Getting Started Guide
12
AP10972 Issue 3
7. Technical specs
System
dBFS Alignment
+18dBu = 0dBFS
Meter Calibration
0dB meter = -18dBFS
Meter Peak indication
-3dBFS
Sampling Rate
96kHz +/- 20 PPM
ADC
24-bit Delta-Sigma
DAC
24-bit Delta-Sigma
Latency
+ 5 samples, Surface to Mixrack (GigaACE hop)
+ 8 samples, DX32 to Mixrack (DX hop)
Operating Temperature Range
0°C to 35°C (32°F to 95°F)
Mains Power
100-240V AC, 47-63Hz, 90W max (per PSU)
Dimensions and Weights
Width x Depth x Height x Weight
DM0
482.6 x 355 x 176 mm (19" x 14" x 6.9") x 12kg (26.5lbs)
Boxed
DM0
600 x 480 x 330 mm (23.7" x 19" x 13") x 15kg (33lbs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com