Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM0 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM0
Description  DM0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM0 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM0 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DM0 MixRack Getting Started Guide
7
AP10972 Issue 3
3. Rear Panel
I/O Ports – 3x audio interface ports 128x128 channels each, independently
assigned. Fit one of the option cards available for system expansion, digital mic
splitting, recording or distributed audio networking. Refer to www.allen-heath.com for
a list of available option cards.
 iLive / GLD option cards (M-Dante, M-Waves, M-ES-V2, M-ACE, M-MADI) can be
used with dLive when fitted with the M-DL-ADAPT ‘letter-box’ adapter. This
provides a 64x64 48kHz interface with built-in Sample Rate Conversion.
Use the I/O screen to patch signals from or to the I/O Ports.
Audio Sync Lock – Indicates that the audio is sync locked to a valid clock
source. If this does not light up then check that the correct clock source is selected in
the MixRack / Audio / Audio Sync screen.
Word Clock I/O - BNC connectors for syncing from an external audio clock
or providing a clock to other devices. Use the MixRack / Audio / Audio Sync screen
to select the clock source.
Mains – Redundant power supplies with independent IEC sockets, On/Off
rocker switches and fuses.
 Heed the safety warnings printed on the panel.
A plastic P-clip cable clamp is provided to secure the mains cable. Slot the cable in
or lock it in place using a star Torx T20 screwdriver to refit the clamp around the cable.
Phones - Standard 1/4” jack socket and level control for the built-in
headphone amplifier. The output follows the PAFL selection.
Network –2x RJ45 Gigabit Ethernet ports. Connect a laptop or a wireless
router to use with dLive Editor or iOS apps. All devices on the network must have
compatible IP addresses.
Control Network
Secondary
ALLEN
Primary
Lnk/Act
Lnk/Act
GigE
Lnk/Act
HEATH
&
1
2
3
4
5
6
5
1
4
9
2
3
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com