Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM0 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM0
Description  DM0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM0 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM0 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DM0 MixRack Getting Started Guide
8
AP10972 Issue 3
 A recessed switch lets you reset the network settings to factory default. To reset,
turn the MixRack off, insert a pointed object to press and hold the switch whilst turning
the MixRack back on. Hold the switch in for at least 30 seconds.
gigaACE link – MixRack to Surface link over Gigabit Ethernet (IEEE 802.3
Layer 2 compliant). A single Cat5e (or higher) cable carries bidirectional 96kHz audio
and control. Use two cables for redundancy – the system will seamlessly switch cable
in case of failures, without any audio dropout.
DX links – Dual redundant EtherCon ports for connection of up to 2 DX32 /
4 DX168 expanders over Fast Ethernet (IEEE 802.3 Layer 2 compliant). A single Cat5e
(or higher) cable carries 32x32 channels of 96kHz audio and control. Connect the first
expander to DX1 & DX2, the second expander to DX3 & DX4.
Use the I/O screen to patch signals from or to the DX expanders.
ME - Dedicated EtherCon port for the Allen & Heath ME personal mixing
system. A single Cat5e (or higher) carries 40 channels of 48kHz audio, channel names
and stereo links. Connect a ME-1 mixer for daisy chaining or ME-U hub for power and
audio distribution.
Use the I/O screen to patch signals to the ME system.
4. Front Panel
Status indicators – Power ON indicators for the 2 power supplies. The
Ready indicator lights up when the output sockets are ready to pass audio after power
up.
Fan – Ultra-quiet fan. Make sure the ventilation opening is not obstructed.
Kensington Lock - A slot for fitting standard Kensington anti-theft security
devices.
7
8
9
1
2
3
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com