Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM0 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DM0
Description  DM0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM0 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM0 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM0 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DM0 MixRack Getting Started Guide
10
AP10972 Issue 3
5.3 ME system connection
Plug a touring grade CAT5e (or higher specification) cable up to 100m long between the MixRack ME port
and the ME-1 or ME-U.
 Refer to www.allen-heath.com for cable requirements, recommendations, and a list
of CAT5 cables available to order.
5.4 Connect a laptop or wireless router
Connect a laptop, router or access point to either of the Network ports to use with dLive Editor or iOS apps.
Read the Release Notes and Help Files accompanying the software or apps for further information.
 dLive communicates over TCP/IP. All devices on the network including the MixRack
and Surface must have compatible IP addresses. Factory defaults are:
MixRack
192.168.1.70
Surface
192.168.1.71
Subnet Mask
255.255.255.0
Gateway
192.168.1.254
For direct, wired laptop connections, set your laptop to a static, compatible IP
address, for example 192.168.1.10.
For wireless connections, set your router / access point to a compatible IP address,
for example 192.168.1.254, and its DHCP range to a compatible range of addresses,
for example 192.168.1.100 to 192.168.1.200. Set any wireless laptop or mobile device
to DHCP / ‘obtain an IP address automatically’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com