Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

281-2AB Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 281-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

281-2AB Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 281-2AB Datasheet HTML 11Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 12Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 13Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 14Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 15Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 16Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 17Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 18Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
72
73
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
647 SERIES
657 SERIES
HIGH-PERFORMANCE HEAT SINKS FOR VERTICAL
BOARD MOUNTING
657 SERIES
HIGH-PERFORMANCE HEAT SINKS FOR VERTICAL
BOARD MOUNTING
HIGH-PERFORMANCE NOTCHED HEAT SINKS
FOR VERTICAL BOARD MOUNTING
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
647 SERIES
(EXTRUSION PROFILE 5195)
Height Above
Standard
PC Board “A”
Maximum Footprint
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
647-1OABEP
1.000 (25.4)
1.650 (41.9) x 1.000 (25.4)
42°C @ 6W
3.8°C/W @ 200 LFM
0.055 (24.95)
647-15ABEP
1.500 (38.1)
1.650 (41.9) x 1.000 (25.4)
37°C @ 6W
3.5°C/W @ 200 LFM
0.075 (34.02)
647-175ABEP
1.750 (44.5)
1.650 (41.9) x 1.000 (25.4)
34°C @ 6W
3.3°C/W @ 200 LFM
0.090 (40.82)
647-20ABEP
2.000 (50.8)
1.650 (41.9) x 1.000 (25.4)
31°C @ 6W
3.1°C/W @ 200 LFM
0.104 (47.17)
647-25ABEP
2.500 (63.5)
1.650 (41.9) x 1.000 (25.4)
25°C @ 6W
2.8°C/W @ 200 LFM
0.125 (56.70)
Material: Aluminum, Black Anodized
Wave-solderable pins on 1 in. centers for vertical mounting of larger devices on printed circuit boards. Maximum
semiconductor package width: 0.625 (15.9). Refer to the Accessory Products section for thermal interface materials,
126 Series silicone-free thermal compounds, and other accessories products.
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
Thermal Performance at Typical Load
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
Height Above
Maximum
Standard
PC Board “A”
Footprint
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs (grams)
657-10ABEP
1.000 (25.4)
1.650 (41.9) x 1.000 (25.4)
41°C @ 6W
3.7°C/W @ 200 LFM
0.0515 (23.36)
657-15ABEP
1.500 (38.1)
1.650 (41.9) x 1.000 (25.4)
38°C @ 6W
3.3°C/W @ 200 LFM
0.0760 (34.60)
657-20ABEP
2.000 (50.8)
1.650 (41.9) x 1.000 (25.4)
32°C @ 6W
2.9°C/W @ 200 LFM
0.1030 (47.00)
657-25ABEP
2.500 (63.5)
1.650 (41.9) x 1.000 (25.4)
25°C @ 6W
2.7°C/W @ 200 LFM
0.1250 (57.00)
Wave-solderable pins. Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
657 SERIES
(EXTRUSION
PROFILE 6533)
Height Above
Maximum
Standard
PC Board “A”
Footprint
Natural
Forced
P/N
in. (mm)
in. (mm)
Convection
Convection
657-10ABEPN
1.000 (25.4)
1.650 (41.9) x 1.000 (25.4)
41°C @ 6W
3.7°C/W @ 200 LFM
657-15ABEPN
1.500 (38.1)
1.650 (41.9) x 1.000 (25.4)
38°C @ 6W
3.3°C/W @ 200 LFM
657-20ABEPN
2.000 (50.8)
1.650 (41.9) x 1.000 (25.4)
32°C @ 6W
2.9°C/W @ 200 LFM
657-25ABEPN
2.500 (63.5)
1.650 (41.9) x 1.000 (25.4)
25°C @ 6W
2.7°C/W @ 200 LFM
Wave-solderable pins. Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
Dimensions: in. (mm)
657 SERIES
HIGH-PERFORMANCE HEAT SINKS WITH SPEEDCLIPS™
FOR VERTICAL BOARD MOUNTING
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
657 SERIES
(EXTRUSION PROFILE 6533)
Height Above
Maximum
Standard
PC Board “A”
Footprint
Natural
Forced
P/N
in. (mm)
in. (mm)
Convection
Convection
657-10ABEPSC
1.000 (25.4)
1.650 (41.9) x 1.000 (25.4)
41°C @ 6W
3.7°C/W @ 200 LFM
657-15ABEPSC
1.500 (38.1)
1.650 (41.9) x 1.000 (25.4)
38°C @ 6W
3.3°C/W @ 200 LFM
657-20ABEPSC
2.000 (50.8)
1.650 (41.9) x 1.000 (25.4)
32°C @ 6W
2.9°C/W @ 200 LFM
657-25ABEPSC
2.500 (63.5)
1.650 (41.9) x 1.000 (25.4)
25°C @ 6W
2.7°C/W @ 200 LFM
Wave-solderable pins. Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
TO-220
TO-218; TO-247; TO-220
TO-218; TO-247; TO-220
TO-218; TO-247; TO-220
657 SERIES
(EXTRUSION
PROFILE 6533)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com