Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

281-2AB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 281-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

281-2AB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  281-2AB Datasheet HTML 1Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 2Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 3Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 5Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
wakefield-vette.com
A wide variety of heat dissipators with various attachment mechanisms for surface
mount and thru-hole power semiconductors packaged in industry standard plastic,
ceramic, and metal cases such as D2Pak, TO-220, TO-3 to TO-247, DO-4 to DO-11,
multiwatt, hex-type, and stud mount devices.
Board Level Power Semiconductor Heat Sinks ................
219 Series Heat Sinks for TO-263 Devices .......................
Board Level Heat Sinks for TO-220, TO-218
& Multiwatt™ Components ..........................................
Universal 678 Series Vertical Heat Sink for
Power Devices ...........................................................
One Heat Sink for all Packages .....................................
Mountain Series Heat Sinks for TO-264, TO-247 Devices.....
omniKlip™ Series Heat Sink w/ Clip(s) for TO-Devices........
Additional Configurations.............................................
BOARD LEVEL POWER
SEMICONDUCTOR HEAT SINKS
46–76
48–49
59–61
77
78
79–80
81–83
84


Similar Part No. - 281-2AB

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
281-334 WAGO-281-334 Datasheet
154Kb / 17P
4-conductor through terminal block; 4 mm2; center marking;for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP;4,00 mm2;red
17. 10. 2023
281-335 WAGO-281-335 Datasheet
154Kb / 17P
4-conductor through terminal block; 4 mm2; center marking;for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP;4,00 mm2;red
17. 10. 2023
logo
Weidmuller
281-3836-ND WEIDMULLER-281-3836-ND Datasheet
1Mb / 12P
Surge Protect ion Devices
logo
WAGO Kontakttechnik Gmb...
281-663 WAGO-281-663 Datasheet
154Kb / 17P
4-conductor through terminal block; 4 mm2; center marking;for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP;4,00 mm2;red
17. 10. 2023
More results

Similar Description - 281-2AB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
Powerline Heat-Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
AER Forged Heat Sinks
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
Eighth Brick Power Module Heat Sinks
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
HEAT SINKS AND STANDOFFS
logo
List of Unclassifed Man...
634-10ABP ETC2-634-10ABP Datasheet
922Kb / 20P
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PF185G ETC2-PF185G Datasheet
51Kb / 1P
UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
Standard Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com