Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

281-2AB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 281-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

281-2AB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  281-2AB Datasheet HTML 1Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 2Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 3Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 5Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
52
53
wakefield-vette.com
Contact us: (603) 635-2800
PATENT
PENDING
233-60AB
236-150AB
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
233 & 236 SERIES
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm) Configuration Tab Options Style
Convection Convection
233-60AB
.600(15.2)
.570 (14.5) x .500 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
233-60ABE-01
.600(15.2)
.570 (14.5) x .500 (12.7)
Vertical
01
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
233-60ABE-05
.500(12.7)
.600 (15.2) x .570 (14.5)
Horizontal
05
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
233-60ABE-10
.725(18.4)
.570 (14.5) x .500 (12.7)
Vertical
10
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
236-150AB
1.500(38.1)
.570 (14.5) x .500 (12.7)
Vert./Horiz
No Tab
Clip/Mtg Hole
40°C @ 2W
4.80°C/W @ 400 LFM
236-150ABE-01
1.500(38.1)
.570 (14.5) x .500 (12.7)
Vertical
01
Clip/Mtg Hole
40°C @ 2W
4.80°C/W @ 400 LFM
236-150ABE-05
.500(12.7)
1.500 (38.1) x .570 (14.5)
Horizontal
05
Clip/Mtg Hole
40°C @ 2W
4.80°C/W @ 400 LFM
236-150ABE-10 1.625(41.3)
.570 (14.5) x .570 (12.7)
Vetrical
10
Clip/Mtg Hole
40°C @ 2W
4.80°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
233-60AB-05
236-150AB-05
233-60AB-01
236-150AB-01
233-60AB-10
236-150AB-10
COMPACT, STRESS-FREE LABOR-SAVING
LOCKING-TAB HEAT SINKS
COMPACT, STRESS-FREE LABOR-SAVING
LOCKING-TAB HEAT SINKS
275 & 231 SERIES
275 & 231 SERIES
PATENT
5381041
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm) in. (mm) Configuration Tab Options Style Convection Convection
275-75AB
.750 (19.1)
.835 (21.2) x .400 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole 44 C @ 2W
7.9°C/W @ 400 LFM
275-75ABE-01
.750 (19.1)
.835 (21.2) x .400 (12.7)
Vertical
01
Clip/Mtg Hole 44°C @ 2W
7.9°C/W @ 400 LFM
275-75ABE-10
.875 (12.7)
.835 (21.2) x .400 (14.5)
Vertical
10
Clip/Mtg Hole 44°C @ 2W
7.9°C/W @ 400 LFM
231-69PAB
.690 (18.4)
.835 (21.2) x .400 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole 45°C @ 2W
8°C/W @ 400 LFM
231-69PABE
.400 (10.1)
.690 (17.5) x .835 (12.7)
Horizontal
13H
Clip/Mtg Hole 45°C @ 2W
8°C/W @ 400 LFM
231-69PABE-XXX
.690 (17.5)
.835 (21.2) x .400 (12.7)
Vertical
13V, 14V, 15V Clip/Mtg Hole 45°C @ 2W
8°C/W @ 400 LFM
231-75PAB
.750 (19.1)
.835 (21.2) x .400 (14.5)
Vert./Horiz.
No Tab
Clip/Mtg Hole 43°C @ 2W
7.9°C/W @ 400 LFM
231-75PABE
.400 (10.1)
.750 (19.1) x .835 (12.7)
Horizontal
13H
Clip/Mtg Hole 43°C @ 2W
7.9°C/W @ 400 LFM
231-75PABE-XXX
.750 (19.1)
.835 (21.2) x .400 (12.7)
Vertical
13V, 14V, 15V Clip/Mtg Hole 43°C @ 2W
7.9°C/W @ 400 LFM
231-137PAB
1.375 (35)
.835 (21.2 x .400 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole 32°C @ 2W
5.9°C/W @ 400 LFM
231-137PABE
400 (10.2)
1.375 (34.9) x .835 (12.7)
Horizontal
13H
Clip/Mtg Hole 32°C @ 2W
5.9°C/W @ 400 LFM
231-137PABE-XXX
1.375 (35)
.835 (21.2) x .400 (12.7)
Vertical
13V, 14V, 15V Clip/Mtg Hole 32°C @ 2W
5.9°C/W @ 400 LFM
Material: Aluminum, Pre-anodized Black (PAB), Anodized Black (AB)
PATENT
5381041
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm) Configuration Tab Options Style
Convection Convection
235-85AB
.850 (21.6)
1.000 (25.4) x.500 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole
40°C @ 2W
6.8°C/W @ 400 LFM
235-85ABE-01 .850 (21.6)
1.000 (25.4) x.500 (12.7)
Vertical
01
Clip/Mtg Hole
40°C @ 2W
6.8°C/W @ 400 LFM
235-85ABE-05 .500 (12.7)
.850 (21.6) x1.000 (25.4)
Horizontal
05
Clip/Mtg Hole
40°C @ 2W
6.8°C/W @ 400 LFM
235-85ABE-10 .975 (24.8)
1.000 (25.4) x.500 (12.7)
Vertical
10
Clip/Mtg Hole
40°C @ 2W
6.8°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
SELF-LOCKING WAVE-SOLDERABLE HEAT SINKS
MECHANICAL DIMENSIONS
235 SERIES
COMPACT, STRESS-FREE LABOR-SAVING
LOCKING-TAB HEAT SINKS
All versions
No Tab
TAB
14V
TAB
13V
TAB 13H
TAB 13H
TAB 01
TAB 10
TAB 15V
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
235-85AB-10
235-85AB-01
235-85AB
235-85AB-05
Thermal Performance at Typical Load
Thermal Performance at Typical Load
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
TO-220
TO-220
TO-220
TO-220
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com