Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

281-2AB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 281-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

281-2AB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 281-2AB Datasheet HTML 3Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 5Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 9Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 10Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
56
57
wakefield-vette.com
Contact us: (603) 635-2800
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
242 SERIES LOW-COST, LOW-HEIGHT WAVE-SOLDERABLE HEAT SINKS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
242-125AB-22
LABOR-SAVING TWISTED FIN HEAT SINKS
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
240-118ABH-22
Dimensions: in. (mm)
Dimensions: in. (mm)
240-118ABS-22
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
274-XAB-01
274-XAB-02
Dimensions: in. (mm)
274 SERIES
281 SERIES
LOW-COST, LOW-HEIGHT WAVE-SOLDERABLE
HEAT SINKS
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable Mounting
Natural
Forced
P/N
in. (mm)
in. (mm) Configuration Tab Options Style Convection Convection
273-AB
.375 (9.5)
.750 (19.1) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
49°C @ 2W
7.2°C/W @ 400 LFM
273-ABE-01
.375 (9.5)
.750 (19.1) x .750 (19.1)
Vertical
01
Mtg Hole
49°C @ 2W
7.2°C/W @ 400 LFM
273-ABE-02
.375 (9.5)
.750 (19.1) x .750 (19.1)
Vertical
02
Mtg Hole
49°C @ 2W
7.2°C/W @ 400 LFM
Material: Aluminum, Black Anodized
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
273-AB
273-AB-01
273-AB-02
273 SERIES
LOW-COST, LOW-HEIGHT WAVE-SOLDERABLE
HEAT SINKS
274 & 281 SERIES
240 SERIES
MECHANICAL DIMENSIONS
Thermal Performance at Typical Load
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm) Configuration Tab Options Style
Convection
Convection
274-1AB
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
274-1ABE-01
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vertical
01
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
274-1ABE-02
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vertical
02
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
274-2AB
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
274-2ABE-01
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vertical
01
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
274-2ABE-02
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vertical
02
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
274-3AB
.250 (6.4)
.520 (13.2) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
62°C @ 2W
9.0°C/W @ 400 LFM
274-3ABE-01
.250 (6.4)
.520 (13.2) x .750 (19.1)
Vertical
01
Mtg Hole
62°C @ 2W
9.0°C/W @ 400 LFM
274-3ABE-02
.250 (6.4)
.520 (13.2) x .750 (19.1)
Vertical
02
Mtg Hole
62°C @ 2W
9.0°C/W @ 400 LFM
281-1AB
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vertical
No Tab
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
281-2AB
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vertical
No Tab
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm) Configuration Tab Options Style
Convection Convection
240-118ABEH-22 1.180 (30.0) 1.000 (25.4) x .500 (12.7)
Vertical
22
Clip/Mtg Hole 55°C @ 4W
5.3°C/W @ 400 LFM
240-118ABES-22 1.180 (30.0) 1.000 (25.4) x .500 (12.7)
Vertical
22
Clip/Mtg Slot
55°C @ 4W
5.3°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm) in. (mm) Configuration Tab Options Style
Convection
Convection
242-125ABE-22 1.285 (32.6)
.875 (22.2) x .250 (6.4)
Vertical
22
Mtg Hole
48°C @ 2W
6.2°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Dimensions: in. (mm)
TO-220
TO-220
TO-220
TO-220 and TO-218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com