Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

281-2AB Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 281-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

281-2AB Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 281-2AB Datasheet HTML 13Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 14Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 15Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 16Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 17Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 18Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 19Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 20Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
80
81
wakefield-vette.com
Contact us: (603) 635-2800
Wakefield-Vette's
Mountain Series Heat Sinks are high performance, low cost, configurable, scalable and
compact with a matrix clip system for TO220, TO-247, TO-264 and other standard packages. This type
powerful heat sink provides easiest assembly, largest surface areas, smallest space occupation and all-in-one
solution. The power dissipations can be easily increased simply by extending the fin height on each side of the
heat sink, while keeping the heat sink height and PCB layout the same. It is the ideal type of heat sink for high
power density and small size (1U or 2U) electronic packaging with forced convention cooling.
Part Package Attachment
Height Off Base Thermal Resistance
Material
Number Description Type Cooled Method Length Width (Height of Fin) @ Forced Air Flow Material Finish
MTN-264-55 Heat Sink w/ Two Top Mount TO-247 and Clip and PC Pin
2.17"
1.740"
1.56"
3.7°C/W @ 18 Watts Aluminum
Black
Clips for TO-247
TO-264
(55.11mm) (44.3mm)
(39.5mm)
Anodized
TO-264
• Minimum assembly cost and labor - Spring Clips make
the mounting holes and fasteners obsolete in assembly
operations and reduce costs.
• Maximum Thermal Transfer - Maximum surface area
per unit volume, efficient cooling fins & consistent
mounting force reduces thermal resistance.
FEATURES AND BENEFITS
• Maximum Repeatability - Constant spring force over repeated
assembly/disassembly.
• Maximum Reliability - Resilient spring action locks electronic
component in place. Fewer parts in assembly and no fasteners
and washers required. Prevent short circuit by eliminating metal
particles generated from hardware or thread tapping.
THERMAL RESISTANCE
MECHANICAL DIMENSIONS
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
MOUNTAIN SERIES HEAT SINKS FOR TO-264, TO-247 DEVICES
omniKLIP™ SERIES HEAT SINK W/ CLIP(s) FOR TO-DEVICES
The Wakefield- Vette
omniKlip Heat Sink Series are a configurable and patented (Pat. Pending) high
performance, low cost and compact solutions for TO-220, TO-247 and TO-264 , or similar packages. This
powerful heat sink provides tool and fixture free assembly operation, largest surface areas and smallest
space occupation. It is the ideal type of heat sink for high power density and small size (1U or 2U) electronic
packaging with forced convention cooling.
• Minimum assembly cost and labor - Spring Clips make the
mounting holes, fasteners, tools and fixtures obsolete in
assembly operations & reduce costs.
• Maximum Repeatability - Constant spring force over
repeated assembly/disassembly
• Maximum Reliability - Resilient spring action locks electronic
component in place. Fewer parts in assembly and no fasteners
and washers required. Prevent short circuit by eliminating
metal particles generated from hardware or thread tapping
• Design Flexibility - Maximum flexibility for dynamic device
locations and power up grading. “Configure-to-Fit” gives
designers total freedom to configure heat sink needed
to fit their dynamic design environments.
FEATURES AND BENEFITS
• Heat Sink: Aluminum Alloy 6063-T5 or Equivalent with
black anodized finish.
• Spring Clip: Music Wire, Per ASTM A228 with bright
nickel plating
• Solder Foot: Cold-rolled Steel, Per ASTM A-366 with
pure tin over copper strike. RoHS compliant.
SPECIFICATIONS
WkV Part Related Package Height Off Base
Number
Description
Clip
Cooled
Length
Width
(Height of Fin)
OMNI-UNI-18-25
OmniKlip Heat Sink,
OMNI-UC TO-247, TO-264
0.984"
1.500"
0.710"
18mm wide, 25mm long,
(25.00mm) (38.10mm)
(18.03mm)
black anodized for TO-247 & TO-264
OMNI-UNI-18-50
OmniKlip Heat Sink ,
OMNI-UC TO-247, TO-264
1.969"
1.500"
0.710"
18mm wide, 50mm long,
(50.00mm) (38.10mm)
(18.03mm)
black anodized for TO-247 & TO-264
OMNI-UNI-18-75
OmniKlip Heat Sink,
OMNI-UC TO-247, TO-264
2.95"
1.500"
0.710"
18mm wide, 75mm long,
(75.00mm) (38.10mm)
(18.03mm)
black anodized for TO-247 &TO 264
OMNI-220-18-25-1C
OmniKlip Heat Sink w/1 clip,
TO-220
0.984"
1.500"
0.710"
18mm wide, 25mm long,
(25.00mm) (38.10mm)
(18.03mm)
black anodized for TO-220
OMNI-220-18-50-2C
OmniKlip Heat Sink w/2 clips,
TO-220
1.969"
1.500"
0.710"
18mm wide, 50mm long,
(50.00mm) (38.10mm)
(18.03mm)
black anodized for TO-220
OMNI-220-18-75-3C
OmniKlip Heat Sink w/3 clips,
TO-220
2.95"
1.500"
0.710"
18mm wide, 75mm long,
(75.00mm) (38.10mm)
(18.03mm)
black anodized for TO-220
THERMAL PERFORMANCE (OMNI-UNI-18)
MECHANICAL DIMENSIONS
TWO TO-247 DEVICES WITH SIL-PAD 900s
L = 500mm[2.0"]
MTN-264-55
OMNI-CLIP-18-L SERIES
HEAT SINKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com