Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

281-2AB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 281-2AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

281-2AB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 281-2AB Datasheet HTML 5Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 9Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 10Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 11Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 12Page - List of Unclassifed Manufacturers 281-2AB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
60
61
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
246 SERIES
249 SERIES
MEDIUM HEIGHT, SLIM PROFILE WAVE-SOLDERABLE
FOLDED FIN HEAT SINKS
MEDIUM HEIGHT, DEEP PROFILE WAVE-SOLDERABLE
FOLDED FIN HEAT SINKS
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
247 SERIES
MEDIUM HEIGHT, DEEP PROFILE WAVE-SOLDERABLE
FOLDED FIN HEAT SINKS
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
248 SERIES
Order SpeedClips™ separately for use
with Series 246, 247, 248 or 249
LOW HEIGHT, MEDIUM PROFILE WAVE-SOLDERABLE
FOLDED FIN HEAT SINKS
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm) Configuration Tab Options Convection Convection lbs. (grams)
246-197AB
1.968 (50.0) 1.986 (50.4) x 3.75 (9.5)
Vert./Horiz.
No Tab
35°C @ 4W
2.8°C/W @ 400 LFM
.0240 (10.90)
246-197ABE-50 2.168 (55.1) 1.986 (50.4) x 3.75 (9.5)
Vertical
50
35°C @ 4W
2.8°C/W @ 400 LFM
.0250 (11.40)
Order SpeedClip™ 285SC or 330SC separately. (See 248 Series section).
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm) in. (mm) Configuration Tab Options Convection Convection lbs. (grams)
247-195AB
1.950 (49.5) 1.900 (48.3) x .950 (24.1) Vert./Horiz.
No Tab
25°C@ 4W
2.4°C/W @ 400 LFM
.0330 (15.10)
247-195ABE-50 1.950 (49.5) 1.900 (48.3) x .950 (24.1)
Vertical
50
25°C@ 4W
2.4°C/W @ 400 LFM
.0340 (15.60)
Order SpeedClip™ 285SC or 330SC separately. (See 248 Series section).
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm) in. (mm) Configuration Tab Options Convection Convection lbs. (grams)
248-162AB
1.620 (41.1) 2.000 (50.8) x .750 (19.1)
Vert/Horiz.
No Tab
35°C @ 4W
2.5°C/W @ 400 LFM .026 (11.60)
248-162ABE-50 1.620 (41.1) 2.000 (50.8) x .750 (19.1)
Vertical
50
35°C @ 4W
2.5°C/W @ 400 LFM .027 (12.20)
Order SpeedClip™ 285SC or 330SC separately.
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
Height Above
Footprint
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm) Configuration Tab Options Convection Convection lbs. (grams)
249-113AB
1.130 (28.7) 1.900 (48.3) x .950 (24.1) Vert./Horiz,
No Tab
35°C@ 4W
3.29°C/W @ 400 LFM .020 (8.90)
249-113ABE-50 1.130 (28.7) 1.900 (48.3) x .950 (24.1)
Vertical
50
35°C@ 4W
3.29°C/W @ 400 LFM .021 (9.40)
Order SpeedClip™ 285SC or 330SC separately. (See 248 Series section).
Material: Aluminum, Black Anodized
Thermal Performance at Typical Load
BOARD LEVEL HEAT SINKS FOR TO-220, TO-218 &
MULTIWATT™ COMPONENTS
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
Multiwatt
Multiwatt
Multiwatt
Multiwatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com