Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174/U Datasheet(PDF) 19 Page - ITT Industries

Part # RG174/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG174/U Datasheet(HTML) 19 Page - ITT Industries

Back Button RG174/U Datasheet HTML 15Page - ITT Industries RG174/U Datasheet HTML 16Page - ITT Industries RG174/U Datasheet HTML 17Page - ITT Industries RG174/U Datasheet HTML 18Page - ITT Industries RG174/U Datasheet HTML 19Page - ITT Industries RG174/U Datasheet HTML 20Page - ITT Industries RG174/U Datasheet HTML 21Page - ITT Industries RG174/U Datasheet HTML 22Page - ITT Industries RG174/U Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
123
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-507 & AI-521
SMA Straight Connectors, Solderless Type for Semi-Rigid Cable
1. Trim cable to dimensions shown. Be careful not to nick center conductor. Ensure dielectric is flush.
Remove burrs from the copper jacket end. Pointing of the center conductor is essential.
2. Slide front body assembly onto cable. Firmly seat the clamp body collet on end of cable. Place
assembly into tool 050-000-0130000 with cable in holding jaws and cable end in piston die.
Squeeze tool handles fully and release.
Alternatively
3. Slide front body assembly onto cable, then slide cable into rear end of clamp body until it seats
firmly in counterbore.
NOTE: Where the separate contact versions are used the clamp body should be held securely in
any standard SMA jack to avoid undue pressure on the center contact. The center conductor
should click into place as it overcomes tension on the tynes.
4. Push front body assembly up over the clamp body then holding cable securely in counterbore, and
using any standard SMA jack as shown, complete assembly by simply tightening mating jack with
a torque of 0.79 to 1.13 Nm (7 to 10 in. lbs.).
Assembly Instruction No.
Part Number
A
AI 507
055-624-6703890
2,16
± 0,13 (.085 ± .005)
AI 521
055-607-6702890
1,78
± 0,13 (.085 ± .005)
AI 521
055-607-6203890
2,16
± 0,13 (.085 ± .005)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com