Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174/U Datasheet(PDF) 34 Page - ITT Industries

Part # RG174/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG174/U Datasheet(HTML) 34 Page - ITT Industries

Back Button RG174/U Datasheet HTML 30Page - ITT Industries RG174/U Datasheet HTML 31Page - ITT Industries RG174/U Datasheet HTML 32Page - ITT Industries RG174/U Datasheet HTML 33Page - ITT Industries RG174/U Datasheet HTML 34Page - ITT Industries RG174/U Datasheet HTML 35Page - ITT Industries RG174/U Datasheet HTML 36Page - ITT Industries RG174/U Datasheet HTML 37Page - ITT Industries RG174/U Datasheet HTML 38Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
138
RF Coaxial Connectors
Assembly Instructions
BBAI-1238
SMZ QTTM Connectors for Braided Cable
1. Prepare cable, using a suitable stripping, tool to the dimensions shown being careful not to damage the
braid, dielectric or inner conductor.
NOTE: Do not attempt to mate unterminated connectors.
2. Trim center conductor to dimensions shown by inserting conductor through the hole in the center of
the assembly tool and trimming, with sharp side cutters, flush with the face of the tool. DIMENSIONS
CAN BE CHECKED USING THE TEMPLATE ON THE REAR FACE OF THE ASSEMBLY TOOL.
3. ENSURE THAT THE INNER CONDUCTOR IS STRAIGHT. Slide the crimp ferrule over the cable sheath.
Fit the connector body onto the cable so that the rear body slides between the dielectric and the braid
(gently twisting and rocking the connector body to spread the braid will help). Care must be taken to
ensure that no strands of braid are trapped under the body. A small gap [2,00 (.079) maximum] should
be evident between braid and face of body.
4. Support cable/connector in one hand. Press home insulator using assembly tool provided, using the
larger for the DDF jack and the smaller for the Posilock plug.
5. Slide the crimp ferrule forward, over the braid, until it butts up against the rear of the connector. Crimp
using ITT Cannon crimp tool fitted with a suitable die set (see table).
Cable
Die Size
BT2003
6,81 (.268)
BT3002
4,52 (.178)
TZC75024
4,52 (.178)
ASSEMBLY TOOL
CONNECTOR
FERRULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com