Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174/U Datasheet(PDF) 32 Page - ITT Industries

Part # RG174/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG174/U Datasheet(HTML) 32 Page - ITT Industries

Back Button RG174/U Datasheet HTML 28Page - ITT Industries RG174/U Datasheet HTML 29Page - ITT Industries RG174/U Datasheet HTML 30Page - ITT Industries RG174/U Datasheet HTML 31Page - ITT Industries RG174/U Datasheet HTML 32Page - ITT Industries RG174/U Datasheet HTML 33Page - ITT Industries RG174/U Datasheet HTML 34Page - ITT Industries RG174/U Datasheet HTML 35Page - ITT Industries RG174/U Datasheet HTML 36Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
136
RF Coaxial Connectors
Assembly Instructions
BBAI-1221
SMB Right Angle Connectors, Clamp Type for Braided Cable
CLAMP NUT
WASHER
‘O’ RING
SLEEVE
CAP
BODY
11. Locate the cap in rear of body and dimple or lightly punch to ensure it is locked in position
(recommended tool is a flat punch).
10. Center conductor will extend into contact slot. Using a small soldering iron solder center
conductor onto contact.
9. Thread into rear body and tighten clamp nut to 1,02 Nm (9 in. lbs.).
8. Slide ’0’ ring forward to trap braid around sleeve.
7. Tin center conductor (DO NOT OVER TIN).
6. Trim back dielectric to dimension shown.
5. Trim braid flush with flange of sleeve.
4. Slide sleeve over dielectric and under braid until sleeve is flush with braid.
N.B. When using cables with inflexible jackets it is permissible to make two 3,17 (.125)
longitudinal slits in the outer jacket.
3. Thumb braid out radially at right angles to cable dielectric.
2. Trim cable to dimensions shown being careful not to nick the braid.
1. Slide clamp nut, washer and ’0’ ring over cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com