Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174/U Datasheet(PDF) 21 Page - ITT Industries

Part # RG174/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG174/U Datasheet(HTML) 21 Page - ITT Industries

Back Button RG174/U Datasheet HTML 17Page - ITT Industries RG174/U Datasheet HTML 18Page - ITT Industries RG174/U Datasheet HTML 19Page - ITT Industries RG174/U Datasheet HTML 20Page - ITT Industries RG174/U Datasheet HTML 21Page - ITT Industries RG174/U Datasheet HTML 22Page - ITT Industries RG174/U Datasheet HTML 23Page - ITT Industries RG174/U Datasheet HTML 24Page - ITT Industries RG174/U Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
125
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-703
SMA Straight Connectors, Captive Contact, Crimp Type for Braided Cable
1. Strip cable to dimensions shown. Do not nick outer or inner conductors. Tin inner conductor.
2. Place shrink tubing, crimp ferrule and retaining nut on cable. Flare the cable outer conductor as
shown.
3. Insert cable dielectric into rear body until it bottoms firmly against insulator as shown.
4. Place a 0,38 (.015) dia x 2,50
± 0,51 (.100 ± .020) long solder wire into solder hole of the center
contact. Heat center contact and push it over cable inner conductor until it bottoms against
insulator as shown. Remove excess solder if necessary.
5. Insert rear body into front body. Engage threads of retaining nut to front body and hand tighten
retaining nut. Hold front body firmly with a 7,93 (.312) hex. torque wrench and torque it to1,13-1,69
Nm (10-15 in. lbs.). by turning retaining nut only.
6. Slide crimp ferrule over flared portion of cable outer conductor. Crimp outer sleeve in place as
shown. Push cable firmly toward connector when crimping. Trim and remove any excess outer
conductor strands if necessary. Position shrink tubing over crimp sleeve apply indirect heat to
shrink tubing down.
HEAT SHRINKABLE
TUBING
CRIMP
FERRULE
RETAINING
NUT
REAR BODY
CENTER
CONTACT
FRONT BODY
ABC
13,46 (.530)
7,11 (.280)
3,56 (.140)
Cable Type
Cable Code
Die Size
RG142/U
9142
5,41 (.213)
RG316/U
9188
3,25 (.128)
RD316
9875
3,84 (.151)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com