Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174/U Datasheet(PDF) 13 Page - ITT Industries

Part # RG174/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG174/U Datasheet(HTML) 13 Page - ITT Industries

Back Button RG174/U Datasheet HTML 9Page - ITT Industries RG174/U Datasheet HTML 10Page - ITT Industries RG174/U Datasheet HTML 11Page - ITT Industries RG174/U Datasheet HTML 12Page - ITT Industries RG174/U Datasheet HTML 13Page - ITT Industries RG174/U Datasheet HTML 14Page - ITT Industries RG174/U Datasheet HTML 15Page - ITT Industries RG174/U Datasheet HTML 16Page - ITT Industries RG174/U Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
117
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-252 & AI-278
SMA Straight Connectors, Direct Solder (Separate Center Contact) Type for Semi-Rigid Cable
1. Cut cable end square. Trim the cable outer conductor and dielectric as shown taking care not to
nick the center conductor. Deburr outer conductor at point of cut.
Assembly Instruction No.
Configuration
A
B
AI-252
Plug
3,18
± 0,25 (.125 ± .010)
0,38 (.015)
AI-278
Flange Jack
2,54
± 0,25 (.100 ± .010)
0,38 (.015)
2. Tin center conductor (DO NOT OVER TIN).
3. Solder contact to center conductor ensuring that dimension shown is maintained. Remove any
excess solder.
4. Clean housing area of outer conductor with abrasive paper and clean in a suitable agent.
5. Place connector assembly in Assembly Jig T1848, or other suitable clamping arrangement, with
contact in locator tool as shown.
Tighten screw to secure cable between inserts then tighten locator to seat cable firmly. Place
solder ring around cable adjacent to connector body and heat the connector body using an
appropriate heat source (solder tongs with variable control). Apply sufficient heat for solder to flow
but using minimum heat cycle.
6. Using dielectric insertion Tool T2508 (for plugs) or T2509 (for jacks), press insulator into body.
Assembly is now ready for use.
N.B. Various body configurations can apply.
PLUG BODY
INSULATOR
CONTACT
JACK BODY
INSULATOR
CONTACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com