Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG174/U Datasheet(PDF) 27 Page - ITT Industries

Part # RG174/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG174/U Datasheet(HTML) 27 Page - ITT Industries

Back Button RG174/U Datasheet HTML 23Page - ITT Industries RG174/U Datasheet HTML 24Page - ITT Industries RG174/U Datasheet HTML 25Page - ITT Industries RG174/U Datasheet HTML 26Page - ITT Industries RG174/U Datasheet HTML 27Page - ITT Industries RG174/U Datasheet HTML 28Page - ITT Industries RG174/U Datasheet HTML 29Page - ITT Industries RG174/U Datasheet HTML 30Page - ITT Industries RG174/U Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
131
Assy Insts
RF Coaxial Connectors
Assembly Instructions
BBAI-1040
SMZ Straight Connectors, Solder Contact, for Braided Cable
1. Trim cable to dimensions shown being careful not to nick the braid or center conductor. Tin center
conductor, (DO NOT OVER TIN) then slip ferrule over cable.
Cable
Die Size
BT2001
4,52 (.178)
BT2002
5,18 (.204)
BT2003
6,81 (.268)
BT3002
4,52 (.178)
RG59B/U
6,48 (.255)
RG62/U
6,48 (.255)
RG140/U
6,48 (.255)
RG179B/U
3,25 (.128)
RG180/U
4,52 (.178)
RG187A/U
3,25 (.128)
RG195A/U
4,52 (.178)
RD179
3,84 (.151)
TZC75024
4,52 (.178)
FERRULE
REAR BODY ASSEMBLY
CONTACT
(REAR PORTION)
FRONT
INSULATOR
(PLUG ONLY)
2. Insert trimmed cable into back end of rear body. The tubular extension will slide under the braid.
The tinned end of the center conductor should project 0,75 (.030) beyond the face of the insulator.
Slip ferrule up to hex. Face of rear body and crimp in position using ITT Cannon crimp tool and
suitable die set (see table).
3. Add 2,00 (.078) long slug of 24 SWG60/40 tin/lead solder to bore of contact. Assemble contact
onto center conductor with the shoulder of contact flush with insulator as shown. Heat to make
soldered connection.
4. Assemble front insulator over contact (jack front insulator is pre-assembled into front body at the
factory) then slip front body onto rear body and tighten with torque of 0,99 - 1,06 Nm
(140 - 150 in. ozs.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com