Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 54 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 50Page - STMicroelectronics LQFP64 Datasheet HTML 51Page - STMicroelectronics LQFP64 Datasheet HTML 52Page - STMicroelectronics LQFP64 Datasheet HTML 53Page - STMicroelectronics LQFP64 Datasheet HTML 54Page - STMicroelectronics LQFP64 Datasheet HTML 55Page - STMicroelectronics LQFP64 Datasheet HTML 56Page - STMicroelectronics LQFP64 Datasheet HTML 57Page - STMicroelectronics LQFP64 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 429 page
background image
54/429
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
FUNCTIONAL DESCRIPTION (Cont’d)
3.2.3 Operation
The memory has a register interface mapped in
memory space (segment 22h). All operations are
enabled through the FCR (Flash Control Register),
ECR (E3 TM Control Register).
All operations on the Flash must be executed from
another memory (internal RAM, E3 TM, external
memory).
Flash (including TestFlash) and E3 TM are inde-
pendent, this means that one can be read while
the other is written. However simultaneous Flash
and E3 TM write operations are forbidden.
An interrupt can be generated at the end of a
Flash or an E3 TM write operation: this interrupt is
multiplexed with an external interrupt EXTINTx
(device dependent) to generate an interrupt INTx.
The status of a write operation inside the Flash
and the E3 TM memories can be monitored through
the FESR[1:0] registers.
Control and Status registers are mapped in mem-
ory (segment 22h), as shown in the following fig-
ure.
Figure 32. Control and Status Register Map.
In order to use the same data pointer register
(DPR) to point both to the E3 TM (220000h-
2203FFh) and to these control and status regis-
ters, the Flash and E3 TM control registers are
mapped not only at page 0x89 (224000h-
224003h) but also on page 0x88 (221000h-
221003h).
If the RESET pin is activated during a write opera-
tion, the write operation is interrupted. In this case
the user must repeat this last write operation fol-
lowing power on or reset. If the internal supply volt-
age drops below the VIT- threshold, a reset se-
quence is generated automatically by hardware.
3.2.4 E3 TM Update Operation
The update of the E3 TM content can be made by
pages of 16 consecutive bytes. The Page Update
operation allows up to 16 bytes to be loaded into
the RAM buffer that replace the ones already con-
tained in the specified address.
Each time a Page Update operation is executed in
the E3 TM, the RAM buffer content is programmed
in the next free block relative to the specified page
(the RAM buffer is previously automatically filled
with old data for all the page addresses not select-
ed for updating). If all the 4 blocks of the specified
page in the current E3 TM sector are full, the page
content is copied to the complementary sector,
that becomes the new current one.
After that the specified page has been copied to
the next free block, one erase phase is executed
on the complementary sector, if the 4 erase phas-
es have not yet been executed. When the selected
page is copied to the complementary sector, the
remaining 63 pages are also copied to the first
block of the new sector; then the first erase phase
is executed on the previous full sector. All this is
executed in a hidden manner, and the End Page
Update Interrupt is generated only after the end of
the complete operation.
At Reset the two status pages are read in order to
detect which is the sector that is currently mapping
the E3 TM, and in which block each page is
mapped. A system defined routine written in Test-
Flash is executed at reset, so that any previously
aborted write operation is restarted and complet-
ed.
224000h
224001h
Register Interface
224002h
FCR
ECR
FESR0
FESR1
224003h
221000h
221001h
221002h
221003h
/
/
/
/
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com