Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 69 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 65Page - STMicroelectronics LQFP64 Datasheet HTML 66Page - STMicroelectronics LQFP64 Datasheet HTML 67Page - STMicroelectronics LQFP64 Datasheet HTML 68Page - STMicroelectronics LQFP64 Datasheet HTML 69Page - STMicroelectronics LQFP64 Datasheet HTML 70Page - STMicroelectronics LQFP64 Datasheet HTML 71Page - STMicroelectronics LQFP64 Datasheet HTML 72Page - STMicroelectronics LQFP64 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 429 page
background image
69/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
Figure 39. ST92F150/F250 External Memory Map
(Reserved for
External
Memory
External
Memory
250000h
3FFFFFh
Lower Memory
(usually external ROM/FLASH
Upper Memory
(usually external RAM starting
starting in Segment 4h)
in Segment 24h)
1FFFFFh
050000h
Segments 0h to 3h
(256Kbytes)
internal
memory)
(Reserved for
Segments 20h to 23h
(256Kbytes)
internal
memory)
(1.8 Mbytes)
(1.8 Mbytes)
040000h
04FFFFh
04C000h
04BFFFh
048000h
047FFFh
044000h
043FFFh
PAGE 10h - 16 Kbytes
PAGE 11h - 16 Kbytes
PAGE 12h - 16 Kbytes
PAGE 13h - 16 Kbytes
SEGMENT 4h
64 Kbytes
240000h
24FFFFh
24C000h
24BFFFh
248000h
247FFFh
244000h
243FFFh
PAGE 90h - 16 Kbytes
PAGE 91h - 16 Kbytes
PAGE 92h - 16 Kbytes
PAGE 93h - 16 Kbytes
SEGMENT 24h
64 Kbytes
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com