Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 83 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 79Page - STMicroelectronics LQFP64 Datasheet HTML 80Page - STMicroelectronics LQFP64 Datasheet HTML 81Page - STMicroelectronics LQFP64 Datasheet HTML 82Page - STMicroelectronics LQFP64 Datasheet HTML 83Page - STMicroelectronics LQFP64 Datasheet HTML 84Page - STMicroelectronics LQFP64 Datasheet HTML 85Page - STMicroelectronics LQFP64 Datasheet HTML 86Page - STMicroelectronics LQFP64 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 429 page
background image
83/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
29
EFT1*
R240
IC1HR1
Input Capture 1 High Register
xx
181
R241
IC1LR1
Input Capture 1 Low Register
xx
181
R242
IC2HR1
Input Capture 2 High Register
xx
181
R243
IC2LR1
Input Capture 2 Low Register
xx
181
R244
CHR1
Counter High Register
FF
182
R245
CLR1
Counter Low Register
FC
182
R246
ACHR1
Alternate Counter High Register
FF
182
R247
ACLR1
Alternate Counter Low Register
FC
182
R248
OC1HR1
Output Compare 1 High Register
80
183
R249
OC1LR1
Output Compare 1 Low Register
00
183
R250
OC2HR1
Output Compare 2 High Register
80
183
R251
OC2LR1
Output Compare 2 Low Register
00
183
R252
CR1_1
Control Register 1
00
185
R253
CR2_1
Control Register 2
00
185
R254
SR1
Status Register
00
185
R255
CR3_1
Control Register 3
00
185
36
CAN1*
Control/
Status
R240
CMCR
CAN Master Control Register
02
343
R241
CMSR
CAN Master Status Register
02
344
R242
CTSR
CAN Transmit Control Register
00
344
R243
CTPR
CAN Transmit Priority Register
00
345
R244
CRFR0
CAN Receive FIFO Register 0
00
346
R245
CRFR1
CAN Receive FIFO Register 1
00
346
R246
CIER
CAN Interrupt Enable Register
00
346
R247
CESR
CAN Error Status Register
00
347
R248
CEIER
CAN Error Interrupt Enable Register
00
347
R249
TECR
Transmit Error Counter Register
00
348
R250
RECR
Receive Error Counter Register
00
348
R251
CDGR
CAN Diagnosis Register
00
348
R252
CBTR0
CAN Bit Timing Register 0
00
349
R253
CBTR1
CAN Bit Timing Register 1
23
349
R255
CFPSR
Filter page Select Register
00
349
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com