Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 63 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 59Page - STMicroelectronics LQFP64 Datasheet HTML 60Page - STMicroelectronics LQFP64 Datasheet HTML 61Page - STMicroelectronics LQFP64 Datasheet HTML 62Page - STMicroelectronics LQFP64 Datasheet HTML 63Page - STMicroelectronics LQFP64 Datasheet HTML 64Page - STMicroelectronics LQFP64 Datasheet HTML 65Page - STMicroelectronics LQFP64 Datasheet HTML 66Page - STMicroelectronics LQFP64 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 429 page
background image
63/429
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
PROTECTION STRATEGY (Cont’d)
NON VOLATILE PASSWORD (NVPWD1-0)
Address: 231FFF-231FFEh - Write Only
Delivery value: 1111 1111 (FFh)
Bit 7:0 = PWD[7:0]: Password bits 7:0 (Write On-
ly).
These bits must be programmed with the Non Vol-
atile Password that must be provided with the Set
Protection operation to disable (first write access)
or to reenable (second write access) the test and
EPB modes. The first write access fixes the pass-
word value and resets the TMDIS bit of NVWPR
(231FFDh). The second write access, with Pro-
gram Data matching with NVPWD[1:0] content, re-
sets the PWOK bit of NVWPR.
These two registers can be accessed only in write
mode (a read access returns FFh).
3.5.2 Temporary Unprotection
On user request the memory can be configured so
as to allow the temporary unprotection also of all
access protections bits of NVAPR (write protection
bits of NVWPR are always temporarily unprotecta-
ble).
Bit APEX can be temporarily disabled by execut-
ing the Set Protection operation and writing 1 into
this bit, but only if this write instruction is executed
from an internal memory (Flash and Test Flash ex-
cluded).
Bit APEE can be temporarily disabled by execut-
ing the Set Protection operation and writing 1 into
this bit, but only if this write instruction is executed
from the memory itself to unprotect (E3 TM).
Bits APRO and APBR can be temporarily disabled
through a direct write at NVAPR location, by over-
writing at 1 these bits, but only if this write instruc-
tion is executed from the memory itself to unpro-
tect.
To restore the access protections, reset the micro
or execute another Set Protection operation by
writing 0 to the desired bits.
Note: To restore all the protections previously en-
abled in the NVAPR or NVWPR register, read the
corresponding register.
When an internal memory (Flash, TestFlash or
E3 TM
) is protected in access, also the data access
through a DMA of a peripheral is forbidden (it re-
turns FFh). To read data in DMA mode from a pro-
tected memory, first it is necessary to temporarily
unprotect that memory.
The temporary unprotection allows also to update
a protected code.
Refer to the following figures to manage the Test/
EPB, Access and Write protection modes.
76
54
32
10
PWD7 PWD6 PWD5 PWD4 PWD3 PWD2 PWD1 PWD0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com