Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 58 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 54Page - STMicroelectronics LQFP64 Datasheet HTML 55Page - STMicroelectronics LQFP64 Datasheet HTML 56Page - STMicroelectronics LQFP64 Datasheet HTML 57Page - STMicroelectronics LQFP64 Datasheet HTML 58Page - STMicroelectronics LQFP64 Datasheet HTML 59Page - STMicroelectronics LQFP64 Datasheet HTML 60Page - STMicroelectronics LQFP64 Datasheet HTML 61Page - STMicroelectronics LQFP64 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 429 page
background image
58/429
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
REGISTER DESCRIPTION (Cont’d)
Bit 2 = WFIS: Wait For Interrupt Status.
If this bit is reset, the WFI instruction puts the
Flash macrocell in Stand-by mode (immediate
read possible, but higher consumption: 100
µA); if
it is set, the WFI instruction puts the Flash macro-
cell in Power-Down mode (recovery time of 10
µs
needed before reading, but lower consumption:
10
µA). The Stand-by mode or the Power-Down
mode will be entered only at the end of any current
Flash or E3 TM write operation.
In the same way following an HALT or a STOP in-
struction, the Memory enters Power-Down mode
only after the completion of any current write oper-
ation.
0: Flash in Stand-by mode on WFI
1: Flash in Power-Down mode on WFI
Note: HALT or STOP mode can be exited without
problems, but the user should take care when ex-
iting WFI Power Down mode. If WFIS is set, the
user code must reset the XT_DIV16 bit in the
R242 register (page 55) before executing the WFI
instruction. When exiting WFI mode, this gives the
Flash enough time to wake up before the interrupt
vector fetch.
Bit 1 = FEIEN: Flash & E3 TM Interrupt enable.
This bit selects the source of interrupt channel
INTx between the external interrupt pin and the
Flash/E3 TM End of Write interrupt. Refer to the In-
terrupt chapter for the channel number.
0: External interrupt enabled
1: Flash & E3 TM Interrupt enabled
Bit 0 = EBUSY: E3 TM Busy (Read Only).
This bit is automatically set during a Page Update
operation when the first address to be modified is
latched in the E3 TM memory, or during Chip Erase
operation when bit EWMS is set. At the end of the
write operation or during a Sector Erase Suspend
this bit is automatically reset and the memory re-
turns to read mode. When this bit is set every read
access to the E3 TM memory will output invalid data
(FFh equivalent to a NOP instruction), while every
write access to the E3 TM memory will be ignored.
At the end of the write operation this bit is automat-
ically reset and the memory returns to read mode.
Bit EBUSY remains high for a maximum of 10ms
after Power-Up and when exiting Power-Down
mode, meaning that the E3 TM memory is not yet
ready to be accessed.
0: E3 TM not busy
1: E3 TM busy
3.3.2 Status Registers
Two Status Registers (FESR[1:0] are available to
check the status of the current write operation in
Flash and E3 TM memories.
During a Flash or an E3 TM write operation any at-
tempt to read the memory under modification will
output invalid data (FFh equivalent to a NOP in-
struction). This means that the Flash memory is
not fetchable when a write operation is active: the
write operation commands must be given from an-
other memory (E3 TM, internal RAM, or external
memory).
FLASH & E3 TM STATUS REGISTER 0 (FESR0)
Address: 224002h /221002h -Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = FEERR: Flash or E3 TM write ERRor (Read/
Write).
This bit is set by hardware when an error occurs
during a Flash or an E3 TM write operation. It must
be cleared by software.
0: Write OK
1: Flash or E3 TM write error
Bit 6:0 = FESS[6:0]. Flash and E3 TM Sectors Sta-
tus Bits (Read Only).
These bits are set by hardware and give the status
of the 7 Flash and E3 TM sectors.
– FESS6 = TestFlash and OTP
– FESS5:4 = E3 TM sectors
For 128K and 64K Flash devices:
– FESS3:0 = Flash sectors (F3:0)
For the ST92F250 (256K):
– FESS3 gives the status of F5, F4 and F3 sectors:
the status of all these three sectors are ORed on
this bit
– FESS2:0 = Flash sectors (F2:0)
7
6
54
321
0
FEERR FESS6 FESS5 FESS4 FESS3 FESS2 FESS1 FESS0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com