Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 68 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 64Page - STMicroelectronics LQFP64 Datasheet HTML 65Page - STMicroelectronics LQFP64 Datasheet HTML 66Page - STMicroelectronics LQFP64 Datasheet HTML 67Page - STMicroelectronics LQFP64 Datasheet HTML 68Page - STMicroelectronics LQFP64 Datasheet HTML 69Page - STMicroelectronics LQFP64 Datasheet HTML 70Page - STMicroelectronics LQFP64 Datasheet HTML 71Page - STMicroelectronics LQFP64 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 429 page
background image
68/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
4 REGISTER AND MEMORY MAP
4.1 INTRODUCTION
The ST92F124/F150/F250 register map, memory
map and peripheral options are documented in
this section. Use this reference information to sup-
plement the functional descriptions given else-
where in this document.
4.2 MEMORY CONFIGURATION
The Program memory space of the ST92F124/
F150/F250 up to 256K bytes of directly addressa-
ble on-chip memory, is fully available to the user.
4.2.1 Reset Vector Location
The user power on reset vector must be stored in
the first two physical bytes of memory, 000000h
and 000001h.
4.2.2 Location of Vector for External Watchdog
Refresh
If an external watchdog is used, it must be re-
freshed during TestFlash execution by a user writ-
ten routine. This routine has to be located in Flash
memory, the address where the routine starts has
to be written in 000006h (one word) while the seg-
ment where the routine is located has to be written
in 000009h (one byte).
This routine is called at least once every time that
the TestFlash executes an E3 TM write operation. If
the write operation has a long duration, the user
routine is called with a rate fixed by location
000008h with an internal clock frequency of 2
MHz, location 000008h fixes the number of milli-
seconds to wait between two calls of the user rou-
tine.
Table 14. User Routine Parameters
If location 000006h to 000007h is virgin (FFFFh),
the user routine is not called.
Location
Size
Description
000006h to
000007h
2 bytes
User routine address
000008h
1 byte
ms rate at 2 MHz.
000009h
1 byte
User routine segment
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com