Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 186 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 182Page - STMicroelectronics LQFP64 Datasheet HTML 183Page - STMicroelectronics LQFP64 Datasheet HTML 184Page - STMicroelectronics LQFP64 Datasheet HTML 185Page - STMicroelectronics LQFP64 Datasheet HTML 186Page - STMicroelectronics LQFP64 Datasheet HTML 187Page - STMicroelectronics LQFP64 Datasheet HTML 188Page - STMicroelectronics LQFP64 Datasheet HTML 189Page - STMicroelectronics LQFP64 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 429 page
background image
186/429
EXTENDED FUNCTION TIMER (EFT)
EXTENDED FUNCTION TIMER (Cont’d)
STATUS REGISTER (SR)
R254 - Read Only
Register Page: 28
Reset Value: 0000 0000 (00h)
The three least significant bits are not used.
Bit 7 = ICF1 Input Capture Flag 1.
0: No input capture (reset value).
1: An input capture has occurred. To clear this bit,
first read the SR register, then read or write the
low byte of the IC1R (IC1LR) register.
Bit 6 = OCF1 Output Compare Flag 1.
0: No match (reset value).
1: The content of the free running counter has
matched the content of the OC1R register. To
clear this bit, first read the SR register, then read
or write the low byte of the OC1R (OC1LR) reg-
ister.
Bit 5 = TOF Timer Overflow.
0: No timer overflow (reset value).
1: The free running counter rolled over from FFFFh
to 0000h. To clear this bit, first read the SR reg-
ister, then read or write the low byte of the CR
(CLR) register.
Note: Reading or writing the ACLR register does
not clear TOF.
Bit 4 = ICF2 Input Capture Flag 2.
0: No input capture (reset value).
1: An input capture has occurred. To clear this bit,
first read the SR register, then read or write the
low byte of the IC2R (IC2LR) register.
Bit 3 = OCF2 Output Compare Flag 2.
0: No match (reset value).
1: The content of the free running counter has
matched the content of the OC2R register. To
clear this bit, first read the SR register, then read
or write the low byte of the OC2R (OC2LR) reg-
ister.
Bit 2:0 = Reserved, forced by hardware to 0.
CONTROL REGISTER 3 (CR3)
R255 - Read/Write
Register Page: 28
Reset Value: 0000 0000 (00h)
Bit 7 = IC1IE Input Capture1 interrupt enable
This bit is not significant if the ICIE bit in the CR1
register is set.
0: ICAP1 interrupt disabled
1: ICAP1 interrupt enabled
Bit 6 = OC1IE output compare 1 interrupt enable
This bit is not significant if the OCIE bit in the CR1
register is set.
0: OCMP1 interrupt disabled
1: OCMP1 interrupt enabled
Bit 5 = IC2IE input capture 2 interrupt enable
This bit is not significant if the ICIE bit in the CR1
register is set.
0: ICAP2 interrupt disabled
1: ICAP2 interrupt enabled
Bit 4= OC2IE output compare 2 interrupt enable
This bit is not significant if the OCIE bit in the CR1
register is set.
0: OCMP2 interrupt disabled
1: OCMP2 interrupt enabled
Bits 3:1 = Reserved, must be kept cleared.
Bit 0 = EFTIS Global Timer Interrupt Selection.
0: Select External interrupt.
1: Select Global Timer Interrupt.
70
ICF1
OCF1
TOF
ICF2
OCF2
0
0
0
70
IC1IE OC1IE IC2IE OC2IE
0
0
0
EFTIS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com