Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 261 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 261 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 257Page - STMicroelectronics LQFP64 Datasheet HTML 258Page - STMicroelectronics LQFP64 Datasheet HTML 259Page - STMicroelectronics LQFP64 Datasheet HTML 260Page - STMicroelectronics LQFP64 Datasheet HTML 261Page - STMicroelectronics LQFP64 Datasheet HTML 262Page - STMicroelectronics LQFP64 Datasheet HTML 263Page - STMicroelectronics LQFP64 Datasheet HTML 264Page - STMicroelectronics LQFP64 Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 429 page
background image
261/429
SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
STATUS REGISTER (SPSR)
R242 - Read Only
Register Page: 7
Reset Value: 0000 0000 (00h)
Bit 7 = SPIF Serial Peripheral data transfer flag.
This bit is set by hardware when a transfer has
been completed. An interrupt is generated if
SPIE=1 in the SPCR register. It is cleared by a soft-
ware sequence (an access to the SPSR register
followed by a read or write to the SPDR register).
0: Data transfer is in progress or has been ap-
proved by a clearing sequence.
1: Data transfer between the device and an exter-
nal device has been completed.
Note: While the SPIF bit is set, all writes to the
SPDR register are inhibited.
Bit 6 = WCOL Write Collision status.
This bit is set by hardware when a write to the
SPDR register is done during a transmit se-
quence. It is cleared by a software sequence (see
Figure 124).
0: No write collision occurred
1: A write collision has been detected
Bit 5 = Unused.
Bit 4 = MODF Mode Fault flag.
This bit is set by hardware when the SS pin is
pulled low in master mode (see Section 10.7.4.5
Master Mode Fault). An SPI interrupt can be gen-
erated if SPIE=1 in the SPCR register. This bit is
cleared by a software sequence (An access to the
SPSR register while MODF=1 followed by a write
to the SPCR register).
0: No master mode fault detected
1: A fault in master mode has been detected
Bits 3:0 = Unused.
PRESCALER REGISTER (SPPR)
R243 - Read/Write
Register Page: 7
Reset Value: 0000 0000 (00h)
Bits 7:5 = Reserved, forced by hardware to 0.
Bit 4 = DIV2 Divider enable.
This bit is set and cleared by software.
0: Divider by 2 enabled.
1: Divider by 2 disabled.
Bit 3 = Reserved. forced by hardware to 0.
Bits 2:0 = PRS[2:0] Prescaler Value.
These bits are set and cleared by software. The
baud rate generator is driven by
INTCLK/(n1*n2*n3) where n1= PRS[2:0]+1, n2 is
the value defined by the SPR[1:0] bits (refer to Ta-
ble 49 and Table 50), n3 = 1 if DIV2=1 and n3= 2 if
DIV2=0. Refer to Figure 121.
These bits have no effect in slave mode.
Table 50. Prescaler Baud Rate
70
SPIF
WCOL
-
MODF
-
-
-
-
70
0
0
0
DIV2
0
PRS2
PRS1
PRS0
Prescaler
Division Factor
PRS2
PRS1
PRS0
1 (no division)
0
0
0
20
0
1
...
81
1
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com