Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 319 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 319 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 315Page - STMicroelectronics LQFP64 Datasheet HTML 316Page - STMicroelectronics LQFP64 Datasheet HTML 317Page - STMicroelectronics LQFP64 Datasheet HTML 318Page - STMicroelectronics LQFP64 Datasheet HTML 319Page - STMicroelectronics LQFP64 Datasheet HTML 320Page - STMicroelectronics LQFP64 Datasheet HTML 321Page - STMicroelectronics LQFP64 Datasheet HTML 322Page - STMicroelectronics LQFP64 Datasheet HTML 323Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 429 page
background image
319/429
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Bit 5 = DMASUSP DMA Suspended Selector.
If this bit is “0”, JBLPD DMA has higher priority
with respect to the Interrupts of the peripheral.
DMA is performed even if an interrupt request is
already scheduled or if the relative interrupt rou-
tine is in execution.
If the bit is “1”, while the ERROR or TLA flag of the
STATUS register are set, the DMA transfers are
suspended. As soon as the flags are reset, the
DMA transfers can be performed.
0: DMA not suspended
1: DMA suspended
Note: This bit has effect only on the priorities of
the JBLPD peripheral.
Bit 4 = LOOPB Local Loopback Selector.
This bit allows the Local Loopback mode. When
this mode is enabled (LOOPB=1), the VPWO out-
put of the peripheral is sent to the VPWI input with-
out inversions whereas the VPWO output line of
the MCU is placed in the passive state. Moreover
the VPWI input of the MCU is ignored by the pe-
ripheral. (Refer to Figure 138).
0: Local Loopback disabled
1: Local Loopback enabled
Note: When the LOOPB bit is set, also the INPOL
bit must be set to obtain the correct management
of the polarity.
Bit 3:0 = RSEL[3:0] Registers Group Selection
bits.
These four bits are used to select one of the 9
groups of registers, each one composed of four
registers that are stacked at the addresses from
R252 (FCh) to R255 (FFh) of this register page
(23). Unless the wanted registers group is already
selected, to address a specific registers group,
these bits must be correctly written.
This feature allows that 36 registers (4 DMA regis-
ters - RDADR, RDCPR, TDAPR, TDCPR - and 32
Message Filtering Registers - FREG[0:31]) are
mapped using only 4 registers (here called Current
Registers - CREG[3:0]).
Since
the
Message
Filtering
Registers
(FREG[0:31]) are seldom read or written, it is sug-
gested to always reset the RSEL[3:0] bits after ac-
cessing the FREG[0:31] registers. In this way the
DMA registers are the current registers.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com