Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 338 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 338 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 334Page - STMicroelectronics LQFP64 Datasheet HTML 335Page - STMicroelectronics LQFP64 Datasheet HTML 336Page - STMicroelectronics LQFP64 Datasheet HTML 337Page - STMicroelectronics LQFP64 Datasheet HTML 338Page - STMicroelectronics LQFP64 Datasheet HTML 339Page - STMicroelectronics LQFP64 Datasheet HTML 340Page - STMicroelectronics LQFP64 Datasheet HTML 341Page - STMicroelectronics LQFP64 Datasheet HTML 342Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 429 page
background image
338/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
Figure 151. . CAN Error State Diagram
10.10.5.6 Error Management
The error management as described in the CAN
protocol is handled entirely by hardware using a
Transmit Error Counter (TECR register) and a Re-
ceive Error Counter (RECR register), which get in-
cremented or decremented according to the error
condition. For detailed information about TEC and
REC management, please refer to the CAN stand-
ard.
Both of them may be read by software to deter-
mine the stability of the network. Furthermore, the
CAN hardware provides detailed information on
the current error status in CESR register. By
means of CEIER register and ERRIE bit in CIER
register, the software can configure the interrupt
generation on error detection in a very flexible
way.
Bus-Off Recovery
The Bus-Off state is reached when TECR is great-
er then 255, this state is indicated by BOFF bit in
CESR register. In Bus-Off state, the bxCAN is no
longer able to transmit and receive messages.
Depending on the ABOM bit in the CMCR register
bxCAN will recover from Bus-Off (become error
active again) either automatically or on software
request. But in both cases the bxCAN has to wait
at least for the recovery sequence specified in the
CAN standard (128 x 11 consecutive recessive
bits monitored on CANRX).
If ABOM is set, the bxCAN will start the recovering
sequence automatically after it has entered Bus-
Off state.
If ABOM is cleared, the software must initiate the
recovering sequence by requesting bxCAN to en-
ter and to leave initialization mode.
Note: In initialization mode, bxCAN does not mon-
itor the CANRX signal, therefore it cannot com-
plete the recovery sequence. To recover, bxCAN
must be in normal mode.
ERROR PASSIVE
When TEC or REC > 127
When TEC and REC < 128,
ERROR ACTIVE
BUS OFF
When TEC > 255
When 128 * 11 recessive bits occur:
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com