Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 362 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 362 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 358Page - STMicroelectronics LQFP64 Datasheet HTML 359Page - STMicroelectronics LQFP64 Datasheet HTML 360Page - STMicroelectronics LQFP64 Datasheet HTML 361Page - STMicroelectronics LQFP64 Datasheet HTML 362Page - STMicroelectronics LQFP64 Datasheet HTML 363Page - STMicroelectronics LQFP64 Datasheet HTML 364Page - STMicroelectronics LQFP64 Datasheet HTML 365Page - STMicroelectronics LQFP64 Datasheet HTML 366Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 429 page
background image
362/429
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
10.11 10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
10.11.1 Main Characteristics
■ 10-bit Resolution
■ Monotonicity: Guaranteed
■ No missing codes: Guaranteed
■ 3-bit INTCLK/2 Frequency Prescaler
■ Internal/External Trigger availability
■ Continuous/Single Modes
■ Autoscan Mode
■ Power Down Mode
■ 16 10-bit data registers (two per channel)
■ Two analog watchdogs selectable on adjacent
channels
10.11.2 Introduction
The Analog to Digital Converter (ADC) consists of
an input multiplex channel selector feeding a suc-
cessive approximation converter.
The conversion time depends on the INTCLK fre-
quency and the prescaler factor stored in the
PR[2:0] bits of the CLR2 register (R253-page 63)).
AVDD and AVSS are the high and low level refer-
ence voltage pins. Up to 16 multiplexed Analog In-
puts are available depending on the specific de-
vice type. With the AUTOSCAN feature, a group of
signals can be converted sequentially by simply
programming the starting address of the first ana-
log channel to be converted.
There are two Analog Watchdogs used for the
continuous hardware monitoring of two consecu-
tive input channels selectable by means of the
CC[3:0] bits in the CLR1 register (R252-page 63).
An Interrupt request is generated whenever the
converted value of either of these two analog in-
puts exceeds the upper or lower programmed
threshold values.
Figure 155. ADC Block Diagram
INTERRUPT UNIT
INT. VECTOR POINTER
INT. CONTROL REGISTER
COMPARE RESULT REGISTER
THRESHOLD H/L REGISTER BU
THRESHOLD H/L REGISTER BL
THRESHOLD H/L REGISTER AH
THRESHOLD H/L REGISTER AL
COMPARE LOGIC
DATA REGISTER H/L15
DATA REGISTER H/L14
DATA REGISTER H/L13
DATA REGISTER H/L12
DATA REGISTER H/L11
DATA REGISTER H/L10
DATA REGISTER H/L 9
DATA REGISTER H/L 8
SUCCESSIVE
ANALOG TO DIGITAL
ANALOG
MUX
AIN 15
AIN 14
AIN 13
AIN 12
AIN 11
AIN 10
AIN 9
AIN 8
CONVERSION
RESULT
AUTOSCAN LOGIC
CONTROL REG.2
CONTROL
LOGIC
INTERNAL
TRIGGER
EXTERNAL
TRIGGER
CONTROL REG.1
DATA REGISTER H/L 7
DATA REGISTER H/L 6
DATA REGISTER H/L 5
DATA REGISTER H/L 4
DATA REGISTER H/L 3
DATA REGISTER H/L 2
DATA REGISTER H/L 1
DATA REGISTER H/L 0
AIN 7
AIN 6
AIN 5
AIN 4
AIN 3
AIN 2
AIN 1
AIN 0
APPROXIMATION
10 bit
ANALOG
SECTION
CK PRESCALER
CKAD
INTCLK
(from MFT0)
(EXTRG)
(CLR2)
(CLR1)
CONVERTER
DIVIDER by 2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com