Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 368 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 368 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 364Page - STMicroelectronics LQFP64 Datasheet HTML 365Page - STMicroelectronics LQFP64 Datasheet HTML 366Page - STMicroelectronics LQFP64 Datasheet HTML 367Page - STMicroelectronics LQFP64 Datasheet HTML 368Page - STMicroelectronics LQFP64 Datasheet HTML 369Page - STMicroelectronics LQFP64 Datasheet HTML 370Page - STMicroelectronics LQFP64 Datasheet HTML 371Page - STMicroelectronics LQFP64 Datasheet HTML 372Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 429 page
background image
368/429
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
CHANNEL 8 DATA HIGH REGISTER (D8HR)
R240 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D8.[9:2]: Channel 8 9:2 bit Data
CHANNEL 8 DATA LOW REGISTER (D8LR)
R241 - Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:6 = D8.[1:0]: Channel 8 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 9 DATA HIGH REGISTER (D9HR)
R242 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D9.[9:2]: Channel 9 9:2 bit Data
CHANNEL 9 DATA LOW REGISTER (D9LR)
R243 - Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:0 = D9.[1:0]: Channel 9 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 10 DATA HIGH REGISTER (D10HR)
R244 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D10.[9:2]: Channel 10 9:2 bit Data
CHANNEL 10 DATA LOW REGISTER (D10LR)
R245 - Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:0 = D10.[1:0]: Channel 10 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL 11 DATA HIGH REGISTER (D11HR)
R246 - Read/Write
Register Page: 62
Reset Value: undefined
Bits 7:0 = D11.[9:2]: Channel 11 9:2 bit Data
CHANNEL 11 DATA LOW REGISTER (D11LR)
R247 - Read/Write
Register Page: 62
Reset Value: xx00 0000
Bits 7:0 = D11.[1:0]: Channel 11 1:0 bit Data
Bits 5:0 = Reserved, forced by hardware to 0.
70
D8.9
D8.8
D8.7
D8.6
D8.5
D8.4
D8.3
D8.2
70
D8.1
D8.0
0
000
00
70
D9.9
D9.8
D9.7
D9.6
D9.5
D9.4
D9.3
D9.2
70
D9.1
D9.0
0
000
00
70
D10.9 D10.8 D10.7 D10.6 D10.5 D10.4 D10.3 D10.2
70
D10.1 D10.0
0
0
0
0
0
0
70
D11.9 D11.8 D11.7 D11.6 D11.5 D11.4 D11.3 D11.2
70
D11.1 D11.0
0
0
0
0
0
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com