Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 388 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 388 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 384Page - STMicroelectronics LQFP64 Datasheet HTML 385Page - STMicroelectronics LQFP64 Datasheet HTML 386Page - STMicroelectronics LQFP64 Datasheet HTML 387Page - STMicroelectronics LQFP64 Datasheet HTML 388Page - STMicroelectronics LQFP64 Datasheet HTML 389Page - STMicroelectronics LQFP64 Datasheet HTML 390Page - STMicroelectronics LQFP64 Datasheet HTML 391Page - STMicroelectronics LQFP64 Datasheet HTML 392Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 429 page
background image
388/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
EXTERNAL BUS TIMING TABLE (MC=1)
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 0 to 50pF
Notes:
The expressions in the “Formula” column show how to calculate the typical parameter value depending on the CPU clock
period and the number of inserted wait cycles. The values in the Min column give the parameter values for a CPU clock
at 12MHz and two wait states for T1 and T2.
For certain versions of the ST92F150, the external bus has high-drive capabilities.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
= 2*OSCIN period when OSCIN is divided by 2;
= OSCIN period / PLL factor when the PLL is enabled
TckH = INTCLK high pulse width (normally = Tck/2, except when INTCLK = OSCIN, in which case it is OSCIN high pulse
width)
TckL = INTCLK low pulse width (normally = Tck/2, except when INTCLK = OSCIN, in which case it is OSCIN low pulse
width)
P = clock prescaling value (=PRS; division factor = 1+P)
Wa = wait cycles on ALE; = max (P, programmed wait cycles in EMR2, requested wait cycles with WAIT)
Wd
= wait cycles on OEN and WEN ; = max (P, programmed wait cycles in WCR, requested wait cycles with WAIT)
N°
Symbol
Parameter
Value (see note)
Unit
Formula
Min
Max
1
TsA (ALE)
Address Set-up Time before ALE
↓
Tck*Wa+TckH - 48
160
ns
2
ThALE (A)
Address Hold Time after ALE
↓
TckL - 31
10
ns
3
TwALE
ALE High Pulse Width
Tck*Wa+TckH - 58
150
ns
4
TdAz (OEN)
Address Float (P0) to OEN
↓
00
ns
5
TdOEN(Az)
P0 driven after OEN
↑
TckL - 13
29
ns
6TwOEN
OEN Low Pulse Width
Tck*Wd+TckH - 36
172
ns
7TwWEN
WEN Low Pulse Width
Tck*Wd+TckH - 36
172
ns
8
TdOEN (DR)
OEN
↓ to Data Valid Delay
Tck*Wd+TckH - 44
164
ns
9
ThDR (OEN)
Data hold time after OEN
↑
00
ns
10
ThOEN(A)
Address (A21:A8) hold time after OEN
↑
00
ns
11
ThWEN(A)
Address (A21:A8) hold time after WEN
↑
00
ns
12
TvA(OEN)
Address (A21:A0) valid to OEN
↑
Tck (Wd+Wa+1.5) - 76
382
ns
13
TvA(WEN)
Address (A21:A0) valid to WEN
↑
Tck (Wd+Wa+1.5) - 44
414
ns
14
TsD (WEN)
Data Set-up time before WEN
↑
Tck*Wd+TckH - 158
50
ns
15
ThWEN(DW)
Data Hold Time after WEN
↑
TckL - 37
5
ns
16
TdALE (WEN)
ALE
↑ to WEN ↑ Delay
Tck (Wd+Wa+1.5) - 54
404
ns
17
TdALE (OEN)
ALE
↑ to OEN ↑ Delay
Tck (Wd+Wa+1.5) - 50
408
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com