Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 421 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 421 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 417Page - STMicroelectronics LQFP64 Datasheet HTML 418Page - STMicroelectronics LQFP64 Datasheet HTML 419Page - STMicroelectronics LQFP64 Datasheet HTML 420Page - STMicroelectronics LQFP64 Datasheet HTML 421Page - STMicroelectronics LQFP64 Datasheet HTML 422Page - STMicroelectronics LQFP64 Datasheet HTML 423Page - STMicroelectronics LQFP64 Datasheet HTML 424Page - STMicroelectronics LQFP64 Datasheet HTML 425Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 429 page
background image
421/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
Impact On Apllication
1.
The MFT1 wins the next DMA Arbitration, the
DMA request is serviced.
The MFT0 interrupt routine is executed before
the next Input Capture or Output Compare
event. It detects that a wrong Mask Bit Reset
has occurred on the MFT1 and re-enables the
DMA Mask.
=> There is no application impact.
2.
The MFT1 does not win the next DMA Arbitra-
tion, the DMA request is not serviced. The
MFT1 will not request the DMA again as its
DMA Mask bit is reset.
=> A DMA transfer is lost.
The MFT0 interrupt routine is executed be-
fore the next Input Capture or Output Com-
pare event. It detects that a wrong Mask Bit
Reset has occurred on the MFT1 and re-ena-
bles the DMA Mask.
=> An Input Capture value is lost or a Com-
pare value is used twice.
3.
The MFT1 wins the next DMA Arbitration, the
DMA request is serviced.
The MFT0 interrupt routine is not executed
before the next MFT1 Input Capture or Output
Compare event. This new event generates an
Interrupt. The interrupt routine must check
that the DMA counter is equal to 0. If it is not
equal to 0, the DMA counter and address
must not be changed, but the DMA Mask
must be set.
=> An Input Capture value or a Comparison
value must be handled by the interrupt rou-
tine.
If this failure recovery management can be
executed fast enough within the interrupt rou-
tine, there is no impact on the application.
Otherwise the counter will reach the new
compare value before it has been loaded in
the Compare Register or a new input capture
event will occur before the previous value has
been saved.
4.
The MFT1 does not win the next DMA Arbi-
tration, the DMA request is not serviced. The
MFT1 will not request the DMA again as its
DMA Mask bit is reset.
=> A DMA transfer is lost.
The MFT0 interrupt routine is not executed
before the next MFT1 Input Capture or Output
Compare event. This new event generates an
Interrupt. The interrupt routine must check
that the DMA counter is equal to 0. If it is not
equal to 0, the DMA counter and address
must not be changed, but the DMA Mask
must be set.
=> An Input Capture value or a Comparison
value must be handled by the interrupt rou-
tine.
If this failure recovery management can be
executed fast enough within the interrupt rou-
tine, only one transfer is lost. Otherwise the
counter will reach the new compare value
before it has been loaded in the Compare
Register or a new input capture event will
occur before the previous value has been
saved.
Workaround
If it is not possible to limit the DMA to one MFT
only (no DMA with another MFT, SCI-M or I2C),
the following failure recovery management must
be included in the MFT, SCI-M, I2C Interrupt rou-
tines (if the DMA is used).
1.
Following an End-of-Block event (DMA coun-
ter equal to 0):
Check the other MFT DMA counter (both
MFTs if this is the SCI-M or the I2C interrupt
routine). If the counter does not equal 0 and
the DMA mask is reset, reset the interrupt flag
bit, set the DMA Mask bit.
2.
Following an Input Capture or an Output
Compare event (DMA counter does not equal
0):
Execute the transfer by software, modify the
DMA counter and address, reset the interrupt
flag bit, set the DMA Mask bit.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com