Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131TF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2131TF Datasheet HTML 1Page - NXP Semiconductors PCF2131TF Datasheet HTML 2Page - NXP Semiconductors PCF2131TF Datasheet HTML 3Page - NXP Semiconductors PCF2131TF Datasheet HTML 4Page - NXP Semiconductors PCF2131TF Datasheet HTML 5Page - NXP Semiconductors PCF2131TF Datasheet HTML 6Page - NXP Semiconductors PCF2131TF Datasheet HTML 7Page - NXP Semiconductors PCF2131TF Datasheet HTML 8Page - NXP Semiconductors PCF2131TF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
5 Block diagram
aaa-041884
TEMP
VDD
BBS
VBAT
VSS
internal operating
voltage Voper(int)
CLKOUT
RPU 1/2/3/4
INTA / INTB
OSCI
OSCO
TEMP
100 Hz
32.768 kHz
TCXO
BATTERY BACK UP
SWITCH-OVER
CIRCUITRY
OSCILLATOR
MONITOR
TEMPERATURE
SENSOR
RESET
LOGIC
CONTROL
DIVIDER
AND
TIMER
ADDRESS
REGISTER
Control_1
Control_2
Control_3
00h
01h
02h
Seconds
03h
Minutes
04h
Hours
05h
Days
06h
Weekdays
07h
Months
08h
Years
09h
Second_alarm
0Ah
0Bh
0Ch
0Dh
Weekday_alarm
0Eh
CLKOUT_ctl
0Fh
Hour_alarm
10h
Day_alarm
11h
Timestp_ctl 1/2/3/4
12h
Sec_timestp 1/2/3/4
13h
Min_timestp 1/2/3/4
14h/1Bh/22h/29h
Hour_timestp 1/2/3/4
15h/1Ch/23h/2Ah
Day_timestp 1/2/3/4
16h/1Dh/24h/2Bh
Mon_timestp 1/2/3/4
17h/1Eh/25h/2Ch
Year_timestp 1/2/3/4
18h/1Fh/26h/2Dh
Aging_offset
19h/20h/27h/2Eh
1Ah/21h/28h/2Fh
30h
TS1
PCF2131
SCL
SDI
SDO
SERIAL BUS
INTERFACE
SELECTOR
SPI-BUS
INTERFACE
I2C-BUS
INTERFACE
SDA/CE
IFS
TS2
TS3
TS4
DIVIDER
31h/32h
33h/34h
35h
36h
INT_A_MASK 1/2
INT_B_MASK 1/2
Watchdg_tim_ctl
Watchdg_tim_val
Minute_alarm
Control_4
Control_5
Sofware Reset
1/100thSeconds
Figure 1. Block diagram of PCF2131
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
3 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com