Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131TF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 5Page - NXP Semiconductors PCF2131TF Datasheet HTML 6Page - NXP Semiconductors PCF2131TF Datasheet HTML 7Page - NXP Semiconductors PCF2131TF Datasheet HTML 8Page - NXP Semiconductors PCF2131TF Datasheet HTML 9Page - NXP Semiconductors PCF2131TF Datasheet HTML 10Page - NXP Semiconductors PCF2131TF Datasheet HTML 11Page - NXP Semiconductors PCF2131TF Datasheet HTML 12Page - NXP Semiconductors PCF2131TF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bit positions labeled as T are unused and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reset value
Reference
28h
Year_timestp3
YEAR_TIMESTP (0 to 99)
0000 0000
Table 76
Timestamp4 registers
29h
Timestp_ctl4
TSM
TSOFF
-
SUBSEC_TIMESTP[4:0]
0000 0000
Table 64
2Ah
Sec_timestp4
-
SECOND_TIMESTP (0 to 59)
0000 0000
Table 66
2Bh
Min_timestp4
-
MINUTE_TIMESTP (0 to 59)
0000 0000
Table 68
AMPM
HOUR_TIMESTP (1 to 12) in 12-hour mode
0000 0000
2Ch
Hour_timestp4
-
-
HOUR_TIMESTP (0 to 23) in 24-hour mode
0000 0000
Table 70
2Dh
Day_timestp4
-
-
DAY_TIMESTP (1 to 31)
0000 0000
Table 72
2Eh
Mon_timestp4
-
-
-
MONTH_TIMESTP (1 to 12)
0000 0000
Table 74
2Fh
Year_timestp4
YEAR_TIMESTP (0 to 99)
0000 0000
Table 76
Aging offset register
30h
Aging_offset
-
-
-
-
AO[3:0]
0000 1000
Table 19
Interrupt mask registers
31h
INT_A_MASK1
-
-
MIA
SIA
WD_CDA
AIEA
BIEA
BLIEA
0011 1111
Table 80
32h
INT_A_MASK2
-
-
-
-
TSIE1A
TSIE2A
TSIE3A
TSIE4A
0000 1111
Table 80
33h
INT_B_MASK1
-
-
MIB
SIB
WD_CDB
AIEB
BIEB
BLIEB
0011 1111
Table 82
34h
INT_B_MASK2
-
-
-
-
TSIE1B
TSIE2B
TSIE3B
TSIE4B
0000 1111
Table 82
Watchdog registers
35h
Watchdg_tim_ctl
WD_CD
T
TI_TP
-
-
-
TF[1:0]
0000 0011
Table 55
36h
Watchdg_tim_val
WATCHDG_TIM_VAL[7:0]
0000 0000
Table 57
Table 4. Register overview...continued
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
9 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com