Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131TF Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 32Page - NXP Semiconductors PCF2131TF Datasheet HTML 33Page - NXP Semiconductors PCF2131TF Datasheet HTML 34Page - NXP Semiconductors PCF2131TF Datasheet HTML 35Page - NXP Semiconductors PCF2131TF Datasheet HTML 36Page - NXP Semiconductors PCF2131TF Datasheet HTML 37Page - NXP Semiconductors PCF2131TF Datasheet HTML 38Page - NXP Semiconductors PCF2131TF Datasheet HTML 39Page - NXP Semiconductors PCF2131TF Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.11.1 Register Watchdg_tim_ctl
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
WD_CD
T
TI_TP
T
T
T
TF[1:0]
Reset
value
0
0
0
0
0
0
1
1
Table 55. Watchdg_tim_ctl - watchdog timer control register (address 35h) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
0
watchdog timer interrupt disabled
7
WD_CD
1
watchdog timer interrupt enabled;
the interrupt pin INTA/B is activated when timed
out
6
T
0
unused
0
the interrupt pin INTA/B is configured to generate a
permanent active signal when MSF is set
5
TI_TP
1
the interrupt pin INTA/B is configured to generate a
pulsed signal when MSF flag is set (see Figure 17)
4 to 2
T
000
unused
timer source clock for watchdog timer
00
64 Hz
01
4 Hz
10
1⁄4 Hz
1 to 0
TF[1:0]
11
1⁄64 Hz
Table 56. Watchdg_tim_ctl - watchdog timer control register (address 35h) bit description
7.11.2 Register Watchdg_tim_val
Bit
7
6
5
4
3
2
1
0
Symbol
WATCHDG_TIM_VAL[7:0]
Reset
value
0
0
0
0
0
0
0
0
Table 57. Watchdg_tim_val - watchdog timer value register (address 36h) bit allocation
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Symbol
Value
Description
7 to 0
WATCHDG_TIM_
VAL[7:0]
00 to FF
timer period in seconds:
Table 58. Watchdg_tim_val - watchdog timer value register (address 36h) bit description
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
36 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com