Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131TF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 3Page - NXP Semiconductors PCF2131TF Datasheet HTML 4Page - NXP Semiconductors PCF2131TF Datasheet HTML 5Page - NXP Semiconductors PCF2131TF Datasheet HTML 6Page - NXP Semiconductors PCF2131TF Datasheet HTML 7Page - NXP Semiconductors PCF2131TF Datasheet HTML 8Page - NXP Semiconductors PCF2131TF Datasheet HTML 9Page - NXP Semiconductors PCF2131TF Datasheet HTML 10Page - NXP Semiconductors PCF2131TF Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bit positions labeled as T are unused and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reset value
Reference
Control registers
00h
Control_1
EXT_
TEST
TC_DIS
STOP
100TH_
S_DIS
POR_
OVRD
12_24
MI
SI
0000 1000
Table 5
01h
Control_2
MSF
WDTF
T
AF
T
T
AIE
T
0000 0000
Table 7
02h
Control_3
PWRMNG[2:0]
BTSE
BF
BLF
BIE
BLIE
1110 0000
Table 9
03h
Control_4
TSF1
TSF2
TSF3
TSF4
T
T
T
T
0000 0000
Table 11
04h
Control_5
TSIE1
TSIE2
TSIE3
TSIE4
T
T
T
T
0000 0000
Table 13
Software Reset
05h
SR_Reset
CPR
0
1
0
SR
1
0
CTS
0010 0100
Table 24
Time and date registers
06h
100th_Seconds
100TH_SECONDS(0 to 99)
0000 0000
Table 25
07h
Seconds
OSF
SECONDS (0 to 59)
1000 0000
Table 28
08h
Minutes
-
MINUTES (0 to 59)
0000 0000
Table 31
AMPM
HOURS (1 to 12) in 12-hour mode
0000 0000
09h
Hours
-
-
HOURS (0 to 23) in 24-hour mode
0000 0000
Table 33
0Ah
Days
-
-
DAYS (1 to 31)
0000 0001
Table 35
0Bh
Weekdays
-
-
-
-
-
WEEKDAYS (0 to 6)
0000 0001
Table 37
0Ch
Months
-
-
-
MONTHS (1 to 12)
0000 0001
Table 40
0Dh
Years
YEARS (0 to 99)
0000 0001
Table 43
Alarm registers
0Eh
Second_alarm
AE_S
SECOND_ALARM (0 to 59)
1000 0000
Table 45
0Fh
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
1000 0000
Table 47
AMPM
HOUR_ALARM (1 to 12) in 12-hour mode
1000 0000
10h
Hour_alarm
AE_H
-
HOUR_ALARM (0 to 23) in 24-hour mode
1000 0000
Table 49
11h
Day_alarm
AE_D
-
DAY_ALARM (1 to 31)
1000 0000
Table 51
12h
Weekday_alarm
AE_W
-
-
-
-
WEEKDAY_ALARM (0 to 6)
1000 0000
Table 53
CLKOUT control register
Table 4. Register overview
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
7 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com