Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131TF Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 29Page - NXP Semiconductors PCF2131TF Datasheet HTML 30Page - NXP Semiconductors PCF2131TF Datasheet HTML 31Page - NXP Semiconductors PCF2131TF Datasheet HTML 32Page - NXP Semiconductors PCF2131TF Datasheet HTML 33Page - NXP Semiconductors PCF2131TF Datasheet HTML 34Page - NXP Semiconductors PCF2131TF Datasheet HTML 35Page - NXP Semiconductors PCF2131TF Datasheet HTML 36Page - NXP Semiconductors PCF2131TF Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bit
Symbol
Value
Place value Description
0
-
second alarm is enabled
7
AE_S
1
-
second alarm is disabled
6 to 4
0 to 5
ten’s place
3 to 0
SECOND_ALARM
0 to 9
unit place
second alarm information coded in BCD format
Table 46. Second_alarm - second alarm register (address 0Eh) bit description
7.10.2 Register Minute_alarm
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_M
MINUTE_ALARM (0 to 59)
Reset
value
1
0
0
0
0
0
0
0
Table 47. Minute_alarm - minute alarm register (address 0Fh) bit allocation
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
0
-
minute alarm is enabled
7
AE_M
1
-
minute alarm is disabled
6 to 4
0 to 5
ten’s place
3 to 0
MINUTE_ALARM
0 to 9
unit place
minute alarm information coded in BCD format
Table 48. Minute_alarm - minute alarm register (address 0Fh) bit description
7.10.3 Register Hour_alarm
Bits labeled as T are unused and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by
subsequent resets.
Bit
7
6
5
4
3
2
1
0
AMPM
HOUR_ALARM (1 to 12) in 12-hour mode
Symbol
AE_H
T
HOUR_ALARM (0 to 23) in 24-hour mode
Reset
value
1
0
0
0
0
0
0
0
Table 49. Hour_alarm - hour alarm register (address 10h) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
0
-
hour alarm is enabled
7
AE_H
1
-
hour alarm is disabled
Table 50. Hour_alarm - hour alarm register (address 10h) bit description
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
33 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com