Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131TF Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 59Page - NXP Semiconductors PCF2131TF Datasheet HTML 60Page - NXP Semiconductors PCF2131TF Datasheet HTML 61Page - NXP Semiconductors PCF2131TF Datasheet HTML 62Page - NXP Semiconductors PCF2131TF Datasheet HTML 63Page - NXP Semiconductors PCF2131TF Datasheet HTML 64Page - NXP Semiconductors PCF2131TF Datasheet HTML 65Page - NXP Semiconductors PCF2131TF Datasheet HTML 66Page - NXP Semiconductors PCF2131TF Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = +25 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TC_DIS = 1, Tamb = 25 °C
[1] [2] -3
+3
ppm
crystal aging
PCF2131
Δfxtal/fxtal
relative crystal
frequency variation
first year;
VDD or VBAT = 3.3 V
[3] -3
-
+3
ppm
Δf/ΔV
frequency variation
with voltage
on pin CLKOUT
-
±1
-
ppm/V
Jitter
Output clock peak to
peak jitter
on pin CLKOUT
-
50
-
ns
Table 90. Frequency characteristics...continued
[1]
±1 ppm corresponds to a time deviation of ±0.0864 seconds per day.
[2]
Only valid if CLKOUT frequencies are not equal to 32.768 kHz or if CLKOUT is disabled.
[3]
Not production tested. Effects of reflow soldering are included (see application note AN13203).
Temperature (°C)
-40
100
60
0
8
0
40
0
2
0
2
-
aaa-041587
-40
0
40
Frequency
stability
(ppm)
-80
± 3 ppm
(1)
(2)
1. Typical temperature compensated RTC time accuracy response (TC_DIS = 0).
2. Typical CLKOUT frequency Y [ppm] = -0.035*(T-25C)2 (TC_DIS = 0 or 1).
Figure 39. Typical characteristic of frequency with respect to temperature of PCF2131
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
63 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com