Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211AI Datasheet(HTML) 2 Page - Texas Instruments

  TUSB211AI Datasheet HTML 1Page - Texas Instruments TUSB211AI Datasheet HTML 2Page - Texas Instruments TUSB211AI Datasheet HTML 3Page - Texas Instruments TUSB211AI Datasheet HTML 4Page - Texas Instruments TUSB211AI Datasheet HTML 5Page - Texas Instruments TUSB211AI Datasheet HTML 6Page - Texas Instruments TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Switching Characteristics............................................5
5.7 Timing Requirements..................................................6
5.8 Typical Characteristics................................................ 6
6 Detailed Description........................................................7
6.1 Overview..................................................................... 7
6.2 Functional Block Diagram........................................... 7
6.3 Feature Description.....................................................7
6.4 Device Functional Modes............................................7
7 Application and Implementation.................................... 9
7.1 Application Information............................................... 9
7.2 Typical Application...................................................... 9
7.3 Power Supply Recommendations.............................14
7.4 Layout....................................................................... 14
8 Device and Documentation Support............................16
8.1 Receiving Notification of Documentation Updates....16
8.2 Support Resources................................................... 16
8.3 Trademarks...............................................................16
8.4 Electrostatic Discharge Caution................................16
8.5 Glossary....................................................................16
9 Revision History............................................................ 16
10 Mechanical, Packaging, and Orderable
Information.................................................................... 16
4 Pin Configuration and Functions
4
RESERVED
3
5
6
9
10
11
12
1
8
7
CD
RSTN
EQ
D2P
D2M
ENA_HS
GND
RESERVED
VCC
D1M
D1P
2
Not to scale
Figure 4-1. TUSB211A-Q1 RWB 12-Pin X2QFN (Top View)
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB211A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com