Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211AI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB211AI Datasheet HTML 1Page - Texas Instruments TUSB211AI Datasheet HTML 2Page - Texas Instruments TUSB211AI Datasheet HTML 3Page - Texas Instruments TUSB211AI Datasheet HTML 4Page - Texas Instruments TUSB211AI Datasheet HTML 5Page - Texas Instruments TUSB211AI Datasheet HTML 6Page - Texas Instruments TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 2: -40°C to 105°C
• Wide supply voltage range: 2.3 – 6.5V
• Ultra-low USB disconnect and shutdown power
consumption
• Provides USB 2.0 high-speed signal conditioning
• Compatible with USB 2.0, OTG 2.0, and BC 1.2
• Support for low-speed, full-speed, and high-speed
signaling
• Host or device agnostic
• Supports up to 5m cable length
– Four selectable signal EQ (edge boost along
with DC boost) settings through the external
pull-down resistor values
• Supports up to 10m cable length with two
TUSB211A-Q1 devices
• Scalable solution – devices can be daisy chained
for high loss applications
• Pin compatible with TUSB211, 212, 214, 216, and
217A (3.3V)
2 Applications
• Automotive infotainment and cluster
• Automotive head unit
• Active cable, cable extenders, and backplane
D2
D1
Cable
USB
Connector
VCC
GND
USB
Host
2.3V – 6.5V
Simplified Schematic
3 Description
The TUSB211A-Q1 is a third-generation USB™
2.0 high-speed signal conditioner designed to
compensate both AC loss (due to capacitive load) and
DC loss (due to resistive loss) in the transmission
channel.
The TUSB211A-Q1 leverages a patented design to
speed-up transition edges of USB 2.0 high-speed
signal with an edge booster and increases static
levels with a DC boost function.
In addition, the TUSB211A-Q1 includes a pre-
equalization function to compensate the inter-symbol
interference (ISI) jitter in application with longer
cable length. USB low-speed and full-speed signal
characteristics are unaffected by the TUSB211A-Q1.
The TUSB211A-Q1 improves signal quality without
altering packet timing or adding propagation delay or
latency.
The TUSB211A-Q1 helps a system to pass the USB
2.0 high-speed near end eye compliance with a cable
as long as 5 meters.
The TUSB211A-Q1 is compatible with USB On-The-
Go (OTG) and Battery Charging (BC) protocols.
Device Comparison
PART NUMBER
PACKAGE(1)
OP TEMP (TA) °C
TUSB211A
RWB (X2QFN, 12)
0 to 70
TUSB211AI
-40 to 85
TUSB211A-Q1
-40 to 105
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TUSB211A-Q1
RWB (X2QFN, 12)
1.6mm × 1.6mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB211AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB211AI TI-TUSB211AI Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211AI TI-TUSB211AI Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211AIRWBR TI-TUSB211AIRWBR Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results

Similar Description - TUSB211AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Texas Instruments
TUSB216-Q1 TI-TUSB216-Q1 Datasheet
4Mb / 33P
TUSB216-Q1 USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
SEPTEMBER 2021
logo
Renesas Technology Corp
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com