Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211AI Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB211AI Datasheet HTML 10Page - Texas Instruments TUSB211AI Datasheet HTML 11Page - Texas Instruments TUSB211AI Datasheet HTML 12Page - Texas Instruments TUSB211AI Datasheet HTML 13Page - Texas Instruments TUSB211AI Datasheet HTML 14Page - Texas Instruments TUSB211AI Datasheet HTML 15Page - Texas Instruments TUSB211AI Datasheet HTML 16Page - Texas Instruments TUSB211AI Datasheet HTML 17Page - Texas Instruments TUSB211AI Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
7.2.3 Application Curves (continued)
Figure 7-13. 4 Meter Post-Channel Without TUSB211A-Q1
Figure 7-14. 4 Meter Post-Channel With TUSB211A-Q1 EQ=2
7.3 Power Supply Recommendations
On power up, the interaction of the RSTN pin and power on ramp could result in digital circuits not being set
correctly. The device should not be enabled until the power on ramp has settled to the minimum recommended
supply voltage or higher for a correct power on reset of the digital circuitry. If RSTN cannot be held low by the
microcontroller or other circuitry until the power on ramp has settled, then an external capacitor from the RSTN
pin to GND is required to hold the device in the low power reset state.
The RC time constant should be larger than five times of the power on ramp time (0 to VCC). With a typical
internal pullup resistance of 500kΩ, the recommended minimum external capacitance is calculated as:
Ramp Time × 5 ÷ 500 kΩ 
(1)
7.4 Layout
7.4.1 Layout Guidelines
Although the land pattern has matched trace width to pad width, optimal impedance control is based on the
user's own PCB stack-up. The recommendation is to maintain 90 Ω differential routing underneath the device.
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB211A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com