Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211AI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments TUSB211AI Datasheet HTML 10Page - Texas Instruments TUSB211AI Datasheet HTML 11Page - Texas Instruments TUSB211AI Datasheet HTML 12Page - Texas Instruments TUSB211AI Datasheet HTML 13Page - Texas Instruments TUSB211AI Datasheet HTML 14Page - Texas Instruments TUSB211AI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
The following procedure must be followed before using any oscilloscope compliance software to construct a USB
High-speed Eye Mask:
7.2.2.1.1 For a Host Side Application
1. Configure the TUSB211A-Q1 to the desired EQ setting.
2. Power on (or toggle the RSTN pin if already powered on) the TUSB211A-Q1.
3. Using SMA cables, connect the oscilloscope and the USB-IF host-side test fixture to the TUSB211A-Q1.
4. Enable the host to transmit USB TEST_PACKET.
5. Execute the oscilloscope USB compliance software.
6. Repeat the above steps to re-test TUSB211A-Q1 with a different EQ setting (must reset to change).
7.2.2.1.2 For a Device Side Application
1. Configure the TUSB211A-Q1 to the desired EQ setting.
2. Power on (or toggle the RSTN pin if already powered on) the TUSB211A-Q1.
3. Connect a USB host, the USB-IF device-side test fixture, and USB device to the TUSB211A-Q1. Ensure that
the USB-IF device test fixture is configured to the ‘INIT’ position.
4. Allow the host to enumerate the device.
5. Enable the device to transmit USB TEST_PACKET.
6. Using SMA cables, connect the oscilloscope to the USB-IF device-side test fixture and ensure that the
device-side test fixture is configured to the ‘TEST’ position.
7. Execute the oscilloscope USB compliance software.
8. Repeat the above steps to re-test TUSB211A-Q1 with a different EQ setting (must reset to change).
7.2.3 Application Curves
Various
cable
lengths
Redriver-EVM
Figure 7-2. Near End Eye Measurement Set-Up With Pre-Channel Cable
Figure 7-3. 2 Meter Pre-Channel Without TUSB211A-Q1
Figure 7-4. 2 Meter Pre-Channel With TUSB211A-Q1 EQ=1
www.ti.com
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB211A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com