Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211AI Datasheet(HTML) 3 Page - Texas Instruments

  TUSB211AI Datasheet HTML 1Page - Texas Instruments TUSB211AI Datasheet HTML 2Page - Texas Instruments TUSB211AI Datasheet HTML 3Page - Texas Instruments TUSB211AI Datasheet HTML 4Page - Texas Instruments TUSB211AI Datasheet HTML 5Page - Texas Instruments TUSB211AI Datasheet HTML 6Page - Texas Instruments TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Table 4-1. Pin Functions
PIN
TYPE(1)
INTERNAL
PULLUP/PULLDOWN
DESCRIPTION
NAME
NO.
EQ
6
I
N/A
USB High-speed EQ select via external pull down resistor.
Both edge boost and DC boost are controlled by a single pin.
Sampled upon power up. Does not recognize real time adjustments.
Auto selects EQ LEVEL = 3 when left floating.
RESERVED
11
I
500kΩ PU
Reserved pin for TI test purposes. Leave floating or connect external
capacitor to GND for normal operation.
ENA_HS
9
I/O
N/A
After reset: Output signal ENA_HS. Flag indicating that channel is in
High-speed mode. Asserted upon:
1. Detection of USB-IF High-speed test fixture from an unconnected
state followed by transmission of USB TEST_PACKET pattern.
2. Squelch detection following USB reset with a successful HS
handshake [HS handshake is declared to be successful after single
chirp J chirp K pair where each chirp is within 18μs – 128μs].
D2P
7
I/O
N/A
USB High-speed positive port.
D2M
8
I/O
N/A
USB High-speed negative port.
GND
10
P
N/A
Ground
D1M
1
I/O
N/A
USB High-speed negative port.
D1P
2
I/O
N/A
USB High-speed positive port.
RESERVED
3
I/O
500kΩ PU
1.8 MΩ PD
Reserved pin for TI test purposes. Leave floating for normal
operation.
VCC
12
P
N/A
Supply power
RSTN
5
I
500kΩ PU
1.8 MΩ PD
Device disable/enable.
Low – Device is at reset and in shutdown, and
High - Normal operation.
Recommend 0.1µF external capacitor to GND to allow for clean
power on reset if not driven. If the pin is driven, it must be held low
until the supply voltage for the device reaches within specifications.
CD
4
O
When RSTN asserted there is
a 500kΩ PD
After reset: Output CD. Flag indicating that a USB device is attached
(connection detected). Asserted from an unconnected state upon
detection of DP or DM pull-up resistor. De-asserted upon detection of
disconnect.
(1)
I = input, O = output, P = power
www.ti.com
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB211A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com