Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211AI Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB211AI Datasheet HTML 3Page - Texas Instruments TUSB211AI Datasheet HTML 4Page - Texas Instruments TUSB211AI Datasheet HTML 5Page - Texas Instruments TUSB211AI Datasheet HTML 6Page - Texas Instruments TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments TUSB211AI Datasheet HTML 10Page - Texas Instruments TUSB211AI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
6 Detailed Description
6.1 Overview
The TUSB211A-Q1 is a USB High-Speed (HS) signal conditioner designed to compensate for ISI signal loss in
a transmission channel. TUSB211A-Q1 has a patented design for USB Low Speed (LS) and Full Speed (FS)
signals. It does not alter the signal characteristics. HS signals are compensated. The design is compatible with
USB On-The-Go (OTG) and Battery Charging (BC) specifications.
Programmable signal gain through an external resistor permits fine tuning device performance to optimize
signals. This helps pass USB HS electrical compliance tests at the connector. The TUSB211A-Q1 allows
application in series to cover longer distances, or high loss transmission paths. A maximum of 4 devices can be
daisy-chained.
6.2 Functional Block Diagram
USB
TRANSCEIVER
High Speed
Compensation
USB
CONNECTOR
Low and Full
Speed Bypass
Status flags
OPTIONAL
PLD
ESD
PROTECTION
D2P
D2M
D1P
D1M
CD
ENA_HS
Copyright © 2018, Texas Instruments Incorporated
6.3 Feature Description
6.3.1 High-Speed EQ
The high-speed EQ (combination of edge boost and DC boost) improves the eye width for USB2.0 high-speed
signals. It is direction independent, which makes it compatible to OTG systems. The EQ pin is configuring the
EQ strength with different values of pull down resistors to set 4 levels of EQ.
6.4 Device Functional Modes
6.4.1 Low-Speed (LS) Mode
TUSB211A-Q1 automatically detects an LS connection and does not enable signal compensation. CD pin is
asserted high but ENA_HS will be low.
6.4.2 Full-Speed (FS) Mode
TUSB211A-Q1 automatically detects an FS connection and does not enable signal compensation. CD pin is
asserted high but ENA_HS will be low.
6.4.3 High-Speed (HS) Mode
TUSB211A-Q1 automatically detects an HS connection and will enable signal compensation as determined by
the external pull down resistance on its EQ pin.
CD pin and ENA_HS pin are asserted high when high-speed EQ is active.
6.4.4 High-Speed Downstream Port Electrical Compliance Test Mode
TUSB211A-Q1 will detect an HS compliance test fixture and enter the downstream port high-speed eye diagram
test mode. CD pin will be low and ENA_HS pin is asserted high when TUSB211A-Q1 is in HS eye compliance
test mode.
If the RSTN pin is asserted low and de-asserted high while TUSB211A-Q1 is operating in HS functional mode,
then TUSB211A-Q1 will transition to HS eye compliance test mode, the CD asserts low, and ENA_HS remains
high. When all this occurs, signal compensation is enabled.
www.ti.com
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB211A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com