Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535U Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF8535U
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535U Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF8535U Datasheet HTML 42Page - NXP Semiconductors PCF8535U Datasheet HTML 43Page - NXP Semiconductors PCF8535U Datasheet HTML 44Page - NXP Semiconductors PCF8535U Datasheet HTML 45Page - NXP Semiconductors PCF8535U Datasheet HTML 46Page - NXP Semiconductors PCF8535U Datasheet HTML 47Page - NXP Semiconductors PCF8535U Datasheet HTML 48Page - NXP Semiconductors PCF8535U Datasheet HTML 49Page - NXP Semiconductors PCF8535U Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
1999 Aug 24
46
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
MGS688
handbook, halfpage
x centre
y centre
100
µm
Fig.24 Shape of alignment mark.
MGS689
handbook, halfpage
x centre
y centre
80
µm
Fig.25 Shape of dummy bump/alignment mark.
handbook, halfpage
MGS690
12.66 mm
pitch
2.36
mm
PCF8535
Fig.26 Bonding pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com