Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8535U
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535U Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8535U Datasheet HTML 1Page - NXP Semiconductors PCF8535U Datasheet HTML 2Page - NXP Semiconductors PCF8535U Datasheet HTML 3Page - NXP Semiconductors PCF8535U Datasheet HTML 4Page - NXP Semiconductors PCF8535U Datasheet HTML 5Page - NXP Semiconductors PCF8535U Datasheet HTML 6Page - NXP Semiconductors PCF8535U Datasheet HTML 7Page - NXP Semiconductors PCF8535U Datasheet HTML 8Page - NXP Semiconductors PCF8535U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1999 Aug 24
3
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
1
FEATURES
• Single-chip LCD controller/driver
• 65 row, 133 column outputs
• Display data RAM 65 × 133 bits
• 133 icons (last row is used for icons)
• Fast mode I2C-bus interface (400 kbits/s)
• Software selectable multiplex rates:
1:17,1:26, 1:34,1:49and1:65
• On-chip:
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components
(external clock also possible)
– Generation of VLCD.
• CMOS compatible inputs
• Software selectable bias configuration
• Logic supply voltage range VDD1 to VSS1 4.5 to 5.5 V
• Supply voltage range for high voltage part VDD2 and
VDD3 to VSS2 and VSS3 4.5 to 5.5 V
• Display supply voltage range VLCD to VSS:
– Mux rate 1 : 65: 8 to 16 V.
• Low power consumption, suitable for battery operated
systems
• Internal Power-on reset and/or external reset
• Temperature read back available
• Manufactured in N-well silicon gate CMOS process.
2
APPLICATIONS
• Automotive information systems
• Telecommunication systems
• Point-of-sale terminals
• Instrumentation.
3
GENERAL DESCRIPTION
The PCF8535 is a low power CMOS LCD row/column
driver, designed to drive dot matrix graphic displays at
multiplex rates of 1 : 17, 1 : 26, 1 : 34, 1 : 49 and 1 : 65.
Furthermore, it can drive up to 133 icons. All necessary
functions for the display are provided in a single chip,
including on-chip generation of LCD bias voltages,
resulting in a minimum of external components and low
power consumption. The PCF8535 is compatible with
most microcontrollers and communicates via an industry
standard two-line bidirectional I2C-bus serial interface.
All inputs are CMOS compatible.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8535U
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com