Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8535U
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8535U Datasheet HTML 3Page - NXP Semiconductors PCF8535U Datasheet HTML 4Page - NXP Semiconductors PCF8535U Datasheet HTML 5Page - NXP Semiconductors PCF8535U Datasheet HTML 6Page - NXP Semiconductors PCF8535U Datasheet HTML 7Page - NXP Semiconductors PCF8535U Datasheet HTML 8Page - NXP Semiconductors PCF8535U Datasheet HTML 9Page - NXP Semiconductors PCF8535U Datasheet HTML 10Page - NXP Semiconductors PCF8535U Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
1999 Aug 24
7
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
6.1.2
C0 TO C132
These pads output the display column signals.
6.1.3
VSS1 AND VSS2
VSS1 and VSS2 must be connected together.
6.1.4
VDD1 TO VDD3
VDD1 is the logic supply. VDD2 and VDD3 are for the voltage
multiplier. For split power supplies VDD2 and VDD3 must be
connected together. If only one supply voltage is available,
all three supplies must be connected together.
6.1.5
VLCDOUT
If, in the application, an external VLCD is used, VLCDOUT
must be left open-circuit; otherwise (if the internal voltage
multiplier is enabled) the chip may be damaged. VLCDOUT
should not be driven when VDD1 is below its minimum
allowed value otherwise a low impedance path between
VLCDOUT and VSS1 will exist.
6.1.6
VLCDIN
This is the VLCD supply for when an external VLCD is used.
If the internal VLCD generator is used, then VLCDOUT and
VLCDIN must be connected together. VLCDIN should not be
driven when VDD1 is below its minimum allowed value,
otherwise a low impedance path between VLCDIN and VSS1
will exist.
6.1.7
VLCDSENSE
This is the input to the internal voltage multiplier regulator.
It must be connected to VLCDOUT when the internal voltage
generator is used otherwise it may be left open-circuit.
VLCDSENCE should not be driven when VDD1 is below its
minimum allowed value, otherwise a low impedance path
between VLCDSENCE and VSS1 will exist.
6.1.8
SDA
I2C-bus serial data input.
6.1.9
SDAOUT
SDAOUT is the serial data acknowledge for the I2C-bus.
By connecting SDAOUT to SDA externally, the SDA line
becomes fully I2C-bus compatible. Having the
acknowledge output separated from the serial data line is
advantageous in Chip-On-Glass (COG) applications.
In COG applications where the track resistance from the
SDAOUT pad to the system SDA line can be significant, a
potential divider is generated by the bus pull-up resistor
and the Indium Tin Oxide (ITO) track resistance. It is
possible that during the acknowledge cycle the PCF8535
will not be able to create a valid logic 0 level. By splitting
the SDA input from the SDAOUT output the device could
be used in a mode that ignores the acknowledge bit.
In COG applications where the acknowledge cycle is
required or where read back is required, it is necessary to
minimize the track resistance from the SDAOUT pad to the
system SDA line to guarantee a valid LOW level.
6.1.10
SCL
I2C-bus serial clock input.
6.1.11
SA0 AND SA1
Least significant bits of the I2C-bus slave address.
Table 1
Slave address; see note 1
Note
1. The slave address is a concatination of the following
bits {01111, SA1, SA0 and R/W}.
6.1.12
OSC
If the on-chip oscillator is used this input must be
connected to VDD1 or VSS1.
6.1.13
RES
External reset pad: when this pad is LOW the chip will be
reset; see Section 7.1. If an external reset is not required,
this pad must be tied to VDD1. Timing for the RES pad is
given in Chapter 12.
6.1.14
T1, T2, T3, T4 AND T5
In applications T4 and T5 must be connected to VSS.
T1, T2 and T3 are to be left open-circuit.
SA1 AND SA0
MODE
SLAVE ADDRESS
0 and 0
write
78H
read
79H
0 and 1
write
7AH
read
7BH
1 and 0
write
7CH
read
7DH
1 and 1
write
7EH
read
7FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com