Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535U Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8535U
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535U Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8535U Datasheet HTML 28Page - NXP Semiconductors PCF8535U Datasheet HTML 29Page - NXP Semiconductors PCF8535U Datasheet HTML 30Page - NXP Semiconductors PCF8535U Datasheet HTML 31Page - NXP Semiconductors PCF8535U Datasheet HTML 32Page - NXP Semiconductors PCF8535U Datasheet HTML 33Page - NXP Semiconductors PCF8535U Datasheet HTML 34Page - NXP Semiconductors PCF8535U Datasheet HTML 35Page - NXP Semiconductors PCF8535U Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
1999 Aug 24
32
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
handbook, full pagewidth
MGS683
S 01111
S
A
0
1A
acknowledgement
from PCF8535
NOT acknowledgement
from master
temp. read out value
AP
S
A
1
slave address
R/W
STOP condition
Fig.20 Master reads a slaves’ status register.
8
LIMITING VALUES (PROVISIONAL)
In accordance with the Absolute Maximum Rating System (IEC 134); notes 1, 2 and 3.
Notes
1. Stresses above these values listed may cause permanent damage to the device.
2. Parameters are valid over the operating temperature range unless otherwise specified. All voltages are referenced
to VSS unless otherwise specified.
3. VSS =0V.
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
recommended to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices”).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+7.0
V
IDD
supply current
−50
+50
mA
VLCD
LCD supply voltage
−0.5
+17.0
V
ILCD
LCD supply current
−50
+50
mA
ISS
negative supply current
−50
+50
mA
VI/VO
input/output voltage (any input/output)
−0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
Ptot
total power dissipation per package
−
300
mW
P/out
power dissipation per output
−
30
mW
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Tj(max)
maximum junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com