Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535U Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8535U
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535U Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8535U Datasheet HTML 2Page - NXP Semiconductors PCF8535U Datasheet HTML 3Page - NXP Semiconductors PCF8535U Datasheet HTML 4Page - NXP Semiconductors PCF8535U Datasheet HTML 5Page - NXP Semiconductors PCF8535U Datasheet HTML 6Page - NXP Semiconductors PCF8535U Datasheet HTML 7Page - NXP Semiconductors PCF8535U Datasheet HTML 8Page - NXP Semiconductors PCF8535U Datasheet HTML 9Page - NXP Semiconductors PCF8535U Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
1999 Aug 24
6
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
6
PINNING
6.1
Pin functions
6.1.1
R0 TO R64
These pads output the display row signals.
SYMBOL
PAD
DESCRIPTION
1
dummy pad
2
bump/alignment mark 1
R0 to R15
3 to 18
LCD row driver outputs
C0 to C132
19 to 151
LCD column driver outputs
R47 to R33
152 to 166
LCD row driver outputs
167
bump/alignment mark 2
168
dummy pad
R48 to R64
169 to 185
LCD row driver outputs; R64 is icon row
186
bump/alignment mark 3
187 to 189
dummy pad
OSC
190
oscillator
VLCDIN
191 to 196
LCD supply voltage
VLCDOUT
197 to 203
voltage multiplier output
VLCDSENSE
204
voltage multiplier regulation input (VLCD)
205 and 206
dummy pad
RES
207
external reset input (active LOW)
T3
208
test output 3
T2
209
test output 2
T1
210
test output 1
VDD2
211 to 218
supply voltage 2
VDD3
219 to 222
supply voltage 3
VDD1
223 to 228
supply voltage 1
229
dummy pad
SDA
230 and 231
I2C-bus serial data inputs
SDAOUT
232
I2C-bus serial data output
SA1
233
I2C-bus slave address input
SA0
234
I2C-bus slave address input
VSS2
235 to 242
ground 2
VSS1
243 to 250
ground 1
T5
251
test input 5
T4
252
test input 4
253
dummy pad
SCL
254 and 255
I2C-bus serial clock inputs
256
bump/alignment mark 4
R32 to R16
257 to 273
LCD row driver outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com