Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535U Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8535U
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535U Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8535U Datasheet HTML 29Page - NXP Semiconductors PCF8535U Datasheet HTML 30Page - NXP Semiconductors PCF8535U Datasheet HTML 31Page - NXP Semiconductors PCF8535U Datasheet HTML 32Page - NXP Semiconductors PCF8535U Datasheet HTML 33Page - NXP Semiconductors PCF8535U Datasheet HTML 34Page - NXP Semiconductors PCF8535U Datasheet HTML 35Page - NXP Semiconductors PCF8535U Datasheet HTML 36Page - NXP Semiconductors PCF8535U Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
1999 Aug 24
33
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
10 DC CHARACTERISTICS
VDD = 4.5 to 5.5 V; VSS =0V; VLCD = 4.5 to 16.0 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. LCD outputs are open-circuit, inputs at VDD or VSS, bus inactive, fOSC = typical internal oscillator frequency.
2. Conditions are: VDD1 to VDD3 = 5.0 V, VLCD = 12.0 V and external VLCD.
3. Power-down mode. During power-down all static currents are switched off.
4. Conditions are: VDD1 to VDD3 = 5.0 V, VLCD =VDD2 and external VLCD.
5. Internal VLCD generation or external VLCD.
6. Conditions are: VDD1 to VDD3 = 5.0 V, VLCD = 12.0 V and voltage multiplier = 3VDD.
7. ILCD =10 µA. Outputs tested one at a time.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VLCDIN
LCD supply voltage
Mux mode 1 : 65
8.0
−
16.0
V
Mux mode 1 : 49
8.0
−
16.0
V
Mux mode 1 : 34
−−
16.0
V
Mux mode 1 : 26
−−
16.0
V
Mux mode 1 : 17
−−
16.0
V
ILCDIN
LCD supply current
normal mode; notes 1 and 2
−
40
90
µA
normal mode; notes 1 and 4
−
18
40
µA
VLCDOUT
generated supply voltage
LCD voltage generator
enabled
−−
16.0
V
VDD1,
VDD2,
VDD3
supply voltage
4.5
−
5.5
V
IDD
supply current
power-down mode;
notes 1, 3 and 5
−
210
µA
display off mode;
notes 1 and 5
−−−µA
normal mode; notes 1 and 6
−
160
350
µA
normal mode; notes 1 and 2
−
40
90
µA
Logic
VIL
LOW-level input voltage
VSS
−
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD −
VDD
V
IOL
LOW-level output current (SDA)
VOL = 0.4 V; VDD = 5 V
3.0
−−
mA
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
Column and row outputs
Ro(col)
column output resistance C0 to C132
VLCD = 12 V; note 7
−−
10
k
Ω
Ro(row)
row output resistance R0 to R33
VLCD = 12 V; note 7
−−
3.0
k
Ω
Vbias(col)
bias tolerance C0 to C132
−100
0
+100
mV
Vbias(row)
bias tolerance R0 to R64
−100
0
+100
mV
Temperature coefficient
tcut
cut point temperature
Tamb = −20 to +70 °C
−
27
−°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com